Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0504EDD12 Datasheet(PDF) 2 Page - Littelfuse

Part # LS0504EDD12
Description  5.5V 4A Low-Ron Power Distribution Load Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0504EDD12 Datasheet(HTML) 2 Page - Littelfuse

  LS0504EDD12 Datasheet HTML 1Page - Littelfuse LS0504EDD12 Datasheet HTML 2Page - Littelfuse LS0504EDD12 Datasheet HTML 3Page - Littelfuse LS0504EDD12 Datasheet HTML 4Page - Littelfuse LS0504EDD12 Datasheet HTML 5Page - Littelfuse LS0504EDD12 Datasheet HTML 6Page - Littelfuse LS0504EDD12 Datasheet HTML 7Page - Littelfuse LS0504EDD12 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 06/10/24
2
LS0504EDD12
5.5V 4A Low-Ron Power Distribution Load Switch
Absolute Maximum Rating (Reference to GND)
Notes: Stress exceeding those listed “Absolute Maximum Ratings” may damage the device.
Symbol
Value
Units
All Pins
-0.3 to +6.5
V
ESD
Class 2
Junction Temperature Range
-40 to +150
°C
Storage Temperature Range
-65 to +150
°C
Lead Temperature (Soldering 10s)
260
°C
Recommend Operating Conditions
Symbol
Value
Units
Input Voltage (V
IN)
+1.8 to 5.5
V
Junction Temperature Range
<135
°C
Note: The device is not guaranteed to function outside of the recommended operating conditions.
Notes:
1. Measured on JESD51-7, 4-Layer PCB.
2. The maximum allowable power dissipation is a function of the maximum junction temperature T
J_MAX,
the junction to ambient thermal resistance
θ
JA, and the ambient temperature TA. The maximum allowable
continuous power dissipation at any ambient temperature is calculated by P
D_MAX= (TJ_MAX-TA)/θJA. Exceeding
the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into
thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage.
Thermal information
Parameter
Test Conditions
Min
TYP
Max
Unit
Input-Supply Voltage Range
1.8
5.5
V
Shutdown Current
V
EN=0V
0.01
1
µA
Quiescent Supply Current
V
EN=2V, ILOAD=0mA
35
50
µA
Input Under-Voltage Lockout Threshold Rising
V
IN ramp up
1.65
V
Input Under-Voltage Lockout Threshold Hysteresis
V
IN ramp down
0.15
V
Input Over-voltage Protection Rising Threshold
V
IN ramp up
6.3
V
Input Over-voltage Protection Hysteresis
V
IN ramp down
0.3
V
EN ON Threshold
EN Rising
1.14
1.20
1.26
V
EN ON Threshold Hysteresis
EN Falling
0.1
V
EN OFF Threshold
Shutdown current <1µA
0.4
V
Load Switch FET On Resistance R
ON
26
mΩ
Load Switch Current Limit
4.5
A
Output Discharge Resistance
V
IN =5V, VEN=0V, VOUT=0.3V
8
Ω
Load Switch soft-start time
V
IN =5V, Iload=500mA
250
µs
Thermal Shutdown
140
˚C
Thermal Shutdown Hysteresis
45
˚C
Electrical Characteristics (T
A = +25°C, VIN=5V, VEN=2V, unless otherwise specified)
Symbol
Value
Units
Maximum Power Dissipation (T
A=25°C )
0.5
W
Thermal Resistance (
θ
JA)
200
°C/W
Thermal Resistance (
θ
JC)
70
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com