Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS0504EDD12 Datasheet(PDF) 6 Page - Littelfuse

Part # LS0504EDD12
Description  5.5V 4A Low-Ron Power Distribution Load Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS0504EDD12 Datasheet(HTML) 6 Page - Littelfuse

  LS0504EDD12 Datasheet HTML 1Page - Littelfuse LS0504EDD12 Datasheet HTML 2Page - Littelfuse LS0504EDD12 Datasheet HTML 3Page - Littelfuse LS0504EDD12 Datasheet HTML 4Page - Littelfuse LS0504EDD12 Datasheet HTML 5Page - Littelfuse LS0504EDD12 Datasheet HTML 6Page - Littelfuse LS0504EDD12 Datasheet HTML 7Page - Littelfuse LS0504EDD12 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 06/10/24
6
LS0504EDD12
5.5V 4A Low-Ron Power Distribution Load Switch
PD(MAX) =
TJMAX −TA
=
RθJA
135°C − 25°C
200°C
=0. 55W
Thermal Considerations
For best performance, all traces should be as short as possible. To be most effective, the input and output capacitors should be placed
close to the device to minimize the effects that parasitic trace inductances may have on normal and short-circuit operation. Using wide
traces for V
IN, VOUT, and GND helps minimize the parasitic electrical effects along with minimizing the case to ambient thermal impedance.
To ensure reliable operation, assume worst case junction temperature should not exceed +135°C. This restriction limits the power
dissipation the regulator can handle in any given application. To ensure the junction temperature is within acceptable limits, calculate the
maximum allowable dissipation, P
D(max), and the actual dissipation, PD which must be less than or equal to PD(max).
The maximum-power-dissipation limit is determined using the following equation:
Where:
T
J max is the maximum allowable junction temperature.
Rθ
JA is the thermal resistance junction-to-ambient for the package (see the Dissipation Ratings table).
T
A is the ambient temperature.
PCB Layout Recommendation
1. IN and OUT traces should be as short and wide as possible to accommodate for high current.
2. The IN pin should be bypassed to ground with low ESR ceramic bypass capacitors. The typical recommended bypass capacitance is
10μF ceramic with X5R or X7R dielectric. This capacitor should be placed as close to the device pins as possible.
3. The OUT pin should be bypassed to ground with low ESR ceramic bypass capacitors. The typical recommended bypass capacitance is
one-tenth of the VIN bypass capacitor of X5R or X7R dielectric rating. This capacitor should be placed as close to the device pins as
possible.
Application Information
The LS0504EDD12 is a load switch that integrates an internal low Ron N-channel MOSFET to reduce power loss. It operates with wide
input voltage range and provides comprehensive protections.
Input and Output Capacitor Selection
For stable operation, recommend to place a 10μF or higher ceramic type X5R or X7R bypass capacitor at the IN and OUT pins. When the
input is connected to a USB port, either USB cable hot plug-in or output short circuit can cause large ringing on the input. The device inter-
nal circuitry could be damaged if the input ringing voltage exceeds the absolute maximum rating of 6V. For these applications, it’s recom-
mend to add a 220µF or greater Aluminum bypass capacitor or 6V rating Transient Voltage Suppressor (TVS) at the input to absorb large
input surge current.
Enable
When input voltage is above the internal input under-voltage lockout threshold (typ.1.65V), the LS0504EDD12 can be enabled by pulling
the EN pin to above 1.2V. The device is disabled if the EN pin is pulled below 1.1V. The enable/disable threshold for EN pin is accurately
designed to be 1.2V and 1.1V respectively, so one can also use external resistor divider to program the external input under-voltage lockout
level (above 1.65V). Pull EN pin below 0.4V to turn off all circuitry and get <1µA shutdown current.
Soft-Start
The LS0504EDD12 has built-in 250µs soft start at enable. During the soft start period, VOUT will ramp up with a controlled slew rate to
minimize input inrush current.
Theory of Operation
The LS0504EDD12 is 5.5V low R
ON current limited load switches in 4-pin DFN1.2mmx 1.6mm package. To minimize voltage drop for low
voltage and high current rails, the device integrates an ultra-low R
ON N-channel MOSFET switch with 26mΩ. At enable, the LS0504E has
internal soft-start which reduces inrush current and minimizes input power supply droop. When disabled, the device automatically
discharges output voltage through an internal 8 Ω resistor. The LS0504EDD12 comes with built-in over current, over voltage and over
temperature fault protection. When over current condition is detected, the LS0504EDD12 enters hiccup mode to minimize power
dissipations. In hiccup mode, the power MOSFET is turned off to disconnect the load from input supply for a pre-determined period of
time before it automatically re-tries to start up again with soft-start. If the over load condition persists with high ambient temperature,
LS0504EDD12 junction temperature could rise above +140 ˚C. which is the built-in over temperature protection threshold. In this case, the
LS0504EDD12 will turn off the power switch and wait for the junction temperature to drop below +95˚C before it tries to automatically
re-start.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com