Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

406A Datasheet (PDF) - Automatic Timing & Controls, Inc.

406A Datasheet PDF - Automatic Timing & Controls, Inc.
Part # 406A
Download  406A Download
File Size   211.34 Kbytes
Page   1 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description Interval Timer

406A Datasheet (PDF)

Go To PDF Page Download Datasheet
406A Datasheet PDF - Automatic Timing & Controls, Inc.

Part # 406A
Download  406A Click to download

File Size   211.34 Kbytes
Page   1 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description Interval Timer

406A Datasheet (HTML) - Automatic Timing & Controls, Inc.


406A Product details

APPLICATIONS: Designed to control an electrical circuit for a set time upon operation of the manual setting knob which is directly connected to the switch operating cam. To assure positive setting action, this timer does not set through a clutch. Calibrated dial settings are available in ranges from 1 minute to 24 hours. Designed for control of any electrically operated equipment or operation, such as processing machinery, plastic molding, laundry and dry cleaning machinery, electric ovens and furnaces, photographic equipment, or wherever accurately timed control of electrical operation is critical.




Similar Part No. - 406A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
406 CTS-406 Datasheet
149Kb / 4P
3.5 x 6.0 mm Ceramic - SM Crystal
logo
3M Electronics
406 3M-406 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
logo
List of Unclassifed Man...
406 ETC-406 Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
Marathon Special Produc...
406 MARATHON-406 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
WECO ELECTRICAL CONNECT...
406 WECO-406 Datasheet
89Kb / 1P
Tab connector Lead distributor
01.21
More results


Similar Description - 406A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP8253 TOSHIBA-TMP8253 Datasheet
319Kb / 14P
PROGRAMMABLE INTERVAL TIMER
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
PROGRAMMABLE INTERVAL TIMER
TMP82C54 TOSHIBA-TMP82C54 Datasheet
556Kb / 26P
PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8253 INTEL-8253 Datasheet
700Kb / 11P
PROGRAMMABLE INTERVAL TIMER
8254 INTEL-8254 Datasheet
835Kb / 21P
PROGRAMMABLE INTERVAL TIMER
logo
NEC
UPD8253 NEC-UPD8253 Datasheet
419Kb / 11P
PROGRAMMABLE INTERVAL TIMER
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
Programmable Interval Timer
logo
Littelfuse
HRDI LITTELFUSE-HRDI Datasheet
661Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
KSD2 LITTELFUSE-KSD2 Datasheet
530Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com