Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

409B Datasheet (PDF) - Automatic Timing & Controls, Inc.

409B Datasheet PDF - Automatic Timing & Controls, Inc.
Part # 409B
Download  409B Download
File Size   462.73 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description 1/16 DIN Push-Button Timer

409B Datasheet (PDF)

Go To PDF Page Download Datasheet
409B Datasheet PDF - Automatic Timing & Controls, Inc.

Part # 409B
Download  409B Click to download

File Size   462.73 Kbytes
Page   2 Pages
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.
Description 1/16 DIN Push-Button Timer

409B Datasheet (HTML) - Automatic Timing & Controls, Inc.


409B Product details

• Push Button Start, Interval Timing Mode
• Push Button Integral to front dial
• Output Contacts rated 10A at 120/240 VAC
and 30 VDC
• Six Timing Ranges in a single unit:
1 and 10 SEC, MIN, and HRS
5 and 50 SEC, MIN, and HRS
• Universal Power Supply: 24-240 VAC and 24 VDC
• 48mm2 DIN Standard housing
• Large and easy to read dial shows decimal points
• Round (octal) socket mount or mount in panel cutout
• Range and Mode select are tamper proof when panel-mounted




Similar Part No. - 409B

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
409B SCHURTER-409B Datasheet
284Kb / 2P
Interconnection Cord with Plug "G-Horizontal", Straight
More results


Similar Description - 409B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
5-Pin Supervisor with Watchdog Timer and Push-button Reset
25-Aug-2004
logo
List of Unclassifed Man...
MLX90720 ETC1-MLX90720 Datasheet
151Kb / 12P
One Button Timer
logo
STMicroelectronics
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
5-pin Supervisor with watchdog timer and push-button reset
25-May-2007
STM6321 STMICROELECTRONICS-STM6321_08 Datasheet
259Kb / 28P
5-pin supervisor with watchdog timer and push-button reset
03-Jun-2008
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
5-pin supervisor with watchdog timer and push-button reset
09-Apr-2009
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
5-pin supervisor with watchdog timer and push-button reset
13-Jun-2016
logo
Schneider Electric
9001KR1BH13 SCHNEIDER-9001KR1BH13 Datasheet
173Kb / 6P
30mm Push Button, Type K, push button, full guard, black, 1 NO and 1 NC
Dec 6, 2021
9001KR1BH5 SCHNEIDER-9001KR1BH5 Datasheet
183Kb / 6P
30mm Push Button, Type K, push button, full guard, black, 1 NO
Dec 6, 2021
9001KR1GH13 SCHNEIDER-9001KR1GH13 Datasheet
172Kb / 6P
30mm Push Button, Type K, push button, full guard, green, 1 NO and 1 NC
Dec 6, 2021
9001KR1RH13 SCHNEIDER-9001KR1RH13 Datasheet
174Kb / 6P
30mm Push Button, Type K, push button, full guard, red, 1 NO and 1 NC
Dec 6, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com