Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

409B Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # 409B
Description  1/16 DIN Push-Button Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

409B Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  409B Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 409B Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
43
Automatic Timing & Controls
800.727.5646
atcdiversified.com
DIMENSIONS (INCHES/MILLIMETERS)
BEFORE START
TIMING
TIMED OUT
O O X
O = LOAD OFF
X = LOAD ON
WIRING
TERMINAL WIRING
MODEL 409B...F2X
TYPICAL CIRCUITS
409B...F2X
MODELS
409B100F2X Push Button Start,
Interval Timing with (1) DPDT relay
(1 or 10 SEC/MIN/HRS)
409B500F2X Push Button Start,
Interval Timing with (1)DPDT relay
(5 or 50 SEC/MIN/HRS)
Both models available in 6 ranges from
1 SEC to 10 HRS or 5 SEC to 50 HRS
CONTACT
Rated 10 AMPS resistive at 30 VDC or
RATING
250 VAC (or less)
1/8 HP @ 120 VAC
1/4 HP @ 240 VAC
240 VA @ 240 VAC
LIFE:10 million operation with no load
100,000 operations with:
10 AMPS at 30 VDC (or less) or
10 AMPS at 250 VAC (or less)
CONTACT
Silver Nickel
MATERIAL
TEMPERATURE
0° to 122°F (-18° to 50°C)
RATING
MOUNTING
Plug-in octal base; mounts in any position with
retaining clips.
Options: Surface mounting socket
DIN rail mounting socket
Panel-mounting adapter kit
Plug-on socket kit
POWER
Universal power supply - reverse polarity protected
REQUIREMENTS
Unit will accept power from 24 to 240 VAC, 50 or
60 Hz, (+10%, -20%) 24 VDC (+20%, -20%)
AC Inrush - 1.5 Amps
Power required - 1.2 watts
DC Maximum ripple @ 100 Hz - 5%
Current required - 50mA
Power required - 1.2 watts
REPEAT
Varies as a function of temperature.
ACCURACY
Any voltage (constant temperature): ±0.5%*
Any voltage (0 F to 140 F): ±2.0%*
*Variation from average actual time.
MINIMUM
2% of range, with the exception of
SETTING
50 mSEC on the 1 second range
SETTING
±5% of range
ACCURACY
RESET
a
0 to 20 mSEC power interruption:
guaranteed no reset
b
20 to 65 mSEC; it may reset
(40 mSEC typical reset)
c
Over 65 mSEC guaranteed to reset
WEIGHT
5 oz. (140 g)
SPECIFICATIONS
Automatic Timing & Controls
800.727.5646
atcdiversified.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com