Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

409B Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 409B
Description  1/16 DIN Push-Button Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

409B Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  409B Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 409B Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
42
PUSH BUTTON START/INTERNAL: The 409 has a Push Button built into
its front dial. When pressed, the timer starts and provides an interval
time delay. The 409 has a set of DPDT output contacts. When the Push
Button is pressed with power applied, the contacts immediately transfer.
After the timer has timed out, the contacts release. Unit timing will reset
with power loss.
UNIVERSAL POWER SUPPLY: All 409 timers can be powered using
24-240 VAC or 24 VDC power, greatly simplifying ordering and inventory
management of replacement units.
HIGH ACCURACY: The 409’s timing circuit is not a simple RC circuit.
It utilizes the sophistication of a proprietary integrated circuit that
includes counting technology along with a stable oscillator to provide
repeatable time delays.
1/16 DIN HOUSING: The 48mm2 (1/16 DIN) housing is compact. The
409 is mounted in an 8-pin round (octal) socket. With an optional
mounting clip, the 409 can be panel mounted.
The dial on the 409 is extra-large and is easy to read. When fractional
ranges are selected, decimal points are clearly indicated.
The Range Select Switch is located on the side of the unit, so that when
panel mounted, this switch is not accessible to the operator. This tamper
proof feature prevents unauthorized or hazardous changes to the timing
range from being made.
Timing begins when the front green push button is pressed. This ener-
gizes the DPDT relay and starts an oscillator which runs at a frequency
determined by the time setting. A fixed number of counts from the oscil-
lator determines the end of the timing cycle.
The LED indicates the status of the relay output. It comes on when the
green push button is pressed and remains on steady during the cycle.
The LED turns off after the cycle is completed and the contacts released.
OPERATIONS
MODEL NUMBER
MODEL NUMBER
409B
2
RANGE
Six dial-selected ranges
100
(1 or 10 SEC/MIN/HRS)
Six dial-selected ranges
500
(5 or 50 SEC/MIN/HRS)
VOLTAGE & FREQUENCY
12 VDC
E
24 to 240 VAC (50/60 Hz) and 24 VDC
F
ARRANGEMENT
8-Pin, Push Button Start, Interval Operation
2
FEATURES
Standard
X
Special
K
ACCESSORIES
8-Pin surface/DIN rail socket
000-825-85-00
Hold down for above socket
407-025-13-00
(Requires two per unit)
Panel mounting bracket
405-320-02-00
Plug-in socket kit (8-pin)
319-261-45-00
8-Pin panel socket with rear facing terminals 000-825-90-00
1/16 DIN Push-Button Timer
• Push Button Start, Interval Timing Mode
• Push Button Integral to front dial
• Output Contacts rated 10A at 120/240 VAC
and 30 VDC
• Six Timing Ranges in a single unit:
1 and 10 SEC, MIN, and HRS
5 and 50 SEC, MIN, and HRS
• Universal Power Supply: 24-240 VAC and 24 VDC
• 48mm2 DIN Standard housing
• Large and easy to read dial shows decimal points
• Round (octal) socket mount or mount in panel cutout
• Range and Mode select are tamper proof when
panel-mounted
E48329
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 409B

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
409B SCHURTER-409B Datasheet
284Kb / 2P
Interconnection Cord with Plug "G-Horizontal", Straight
More results

Similar Description - 409B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6823 STMICROELECTRONICS-STM6823 Datasheet
315Kb / 21P
5-Pin Supervisor with Watchdog Timer and Push-button Reset
25-Aug-2004
logo
List of Unclassifed Man...
MLX90720 ETC1-MLX90720 Datasheet
151Kb / 12P
One Button Timer
logo
STMicroelectronics
STM6321 STMICROELECTRONICS-STM6321_07 Datasheet
229Kb / 26P
5-pin Supervisor with watchdog timer and push-button reset
25-May-2007
STM6321 STMICROELECTRONICS-STM6321_08 Datasheet
259Kb / 28P
5-pin supervisor with watchdog timer and push-button reset
03-Jun-2008
STM6321 STMICROELECTRONICS-STM6321_09 Datasheet
302Kb / 29P
5-pin supervisor with watchdog timer and push-button reset
09-Apr-2009
STM632X STMICROELECTRONICS-STM632X Datasheet
668Kb / 31P
5-pin supervisor with watchdog timer and push-button reset
13-Jun-2016
logo
Schneider Electric
9001KR1BH13 SCHNEIDER-9001KR1BH13 Datasheet
173Kb / 6P
30mm Push Button, Type K, push button, full guard, black, 1 NO and 1 NC
Dec 6, 2021
9001KR1BH5 SCHNEIDER-9001KR1BH5 Datasheet
183Kb / 6P
30mm Push Button, Type K, push button, full guard, black, 1 NO
Dec 6, 2021
9001KR1GH13 SCHNEIDER-9001KR1GH13 Datasheet
172Kb / 6P
30mm Push Button, Type K, push button, full guard, green, 1 NO and 1 NC
Dec 6, 2021
9001KR1RH13 SCHNEIDER-9001KR1RH13 Datasheet
174Kb / 6P
30mm Push Button, Type K, push button, full guard, red, 1 NO and 1 NC
Dec 6, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com