Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8214 Datasheet (PDF) - Princeton Technology Corp

PT8214 Datasheet PDF - Princeton Technology Corp
Part # PT8214
Download  PT8214 Download
File Size   257.32 Kbytes
Page   15 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 8-Bit D/A Converter IC

PT8214 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT8214 Datasheet PDF - Princeton Technology Corp

Part # PT8214
Download  PT8214 Click to download

File Size   257.32 Kbytes
Page   15 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 8-Bit D/A Converter IC

PT8214 Datasheet (HTML) - Princeton Technology Corp


PT8214 Product details

DESCRIPTION
PT8214 is an 8-bit D/A Converter IC with operational amplifier output buffers. It supports up to a maximum of 36 channels and provides two reference voltages which enable its 36 channels to be used as 12 and 24 independent channels. Digital data are inputted in serially and is controlled by the CLK and STB Pins making a cascading connection between devices. Available in 48 pins, LQFP package, PT8214 is capable of large current drive since each channel has an operational amplifier output buffer. Pin assignments and application circuit are optimized for easy PCB Layout and cost saving advantages.

FEATURES
• CMOS Technology
• Very Low Power Consumption: Type 1.1mW/channel
• Max. 2.5 MHz Serial Data Input
• Separate Supply Voltages for Digital and Analog Blocks
• R-2R Resistor Ladder Conversion Method
• On-Chip Operational Amplifier Output Buffers: Max. +1.0/-1.0mA Analog Output Sink/Source Current Capability
• Analog Data Output Range: 0 to Vcc (V)
• Two Analog Output Reference Voltage
• Analog Data can be outputted in Different Reference Voltages
• Available in 48 pins, LQFP Package

APPLICATIONS
• Digital Equipment
• V8
• CD ROM/VCD
• MPEG
• Sound Card
• Replacement for Potentiometers




Similar Part No. - PT8214

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT8211 PTC-PT8211 Datasheet
81Kb / 3P
16 Bits Digital-To-Analog Converter IC
PT8211 PTC-PT8211 Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
PT8211-S PTC-PT8211-S Datasheet
81Kb / 3P
16 Bits Digital-To-Analog Converter IC
PT8211-S PTC-PT8211-S Datasheet
290Kb / 13P
16 Bit Digital to Analog Converter
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
16 Bit Digital to Analog Converter
More results


Similar Description - PT8214

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
8 Bit A/D Converter
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
8-Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
8-BIT D-A CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
8-bit D/A Converter
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
8-BIT D-A/A-D CONVERTER
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
8-bit A/D Converter
logo
National Semiconductor ...
DAC0808 NSC-DAC0808_99 Datasheet
309Kb / 12P
8-Bit D/A Converter
logo
Texas Instruments
DAC0808 TI1-DAC0808 Datasheet
350Kb / 14P
8-Bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
8-Bit A/D Converter
REV. A
AD673 AD-AD673_17 Datasheet
299Kb / 9P
8-Bit A/D Converter
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com