Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2596 Datasheet (PDF) - AXElite technology co. ltd

AX2596 Datasheet PDF - AXElite technology co. ltd
Part # AX2596
Download  AX2596 Download
File Size   822.59 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 150KHz, 3 A PWM Buck DC/DC Converter

AX2596 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX2596 Datasheet PDF - AXElite technology co. ltd

Part # AX2596
Download  AX2596 Click to download

File Size   822.59 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 150KHz, 3 A PWM Buck DC/DC Converter

AX2596 Datasheet (HTML) - AXElite technology co. ltd


AX2596 Product details

 GENERAL DESCRIPTION
The AX2596 series are monolithic IC designed for a step down DC/DC converter, and
own the ability of driving a 3A load without additional transistor. It saves board space. The external shutdown funct ion can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control having good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temperatu re operating from damage, and current limit is against over current operating of the output switch. If current limit function occurs and VFB is down below 0.5V, the switching frequency will be reduced. The AX2596 series operates at a switching frequency of 150KHz thus allow smaller sized filter components than what would be needed with lower frequency switching regulators. The output version included fixed 5V and an adjustable type. The chip is available in a 5-Lead TO263 package.

 FEATURES
- Output voltage: 5V and adjustable output version.
- Adjustable version output voltage range, 1.23V to 38.5V.
- 150KHz fixed switching frequency.
- Voltage mode non synchronous PWM control.
- Thermal shutdown and current limit protection.
- ON/OFF shutdown control input.
- Short Circu it Protect (SCP).
- Operating voltage can be up to 40V.
- Output load current: 3A.
- 5-Lead TO263 Pb-Free packages.
- Low power standby mode.
- Built in switching transistor on chip.
- RoHS and Halogen free compliance.




Similar Part No. - AX2596

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX2596 ETC-AX2596 Datasheet
197Kb / 7P
150KHz, 3A PWM Buck DC/DC Converter
logo
AXElite technology co. ...
AX2596S AXELITE-AX2596S Datasheet
854Kb / 13P
150KHz, 2A PWM Buck DC/DC Converter
Rev.1.1 Oct.03 2019
AX2596S-33ES AXELITE-AX2596S-33ES Datasheet
854Kb / 13P
150KHz, 2A PWM Buck DC/DC Converter
Rev.1.1 Oct.03 2019
AX2596S-33ESA AXELITE-AX2596S-33ESA Datasheet
854Kb / 13P
150KHz, 2A PWM Buck DC/DC Converter
Rev.1.1 Oct.03 2019
AX2596S-33S AXELITE-AX2596S-33S Datasheet
854Kb / 13P
150KHz, 2A PWM Buck DC/DC Converter
Rev.1.1 Oct.03 2019
More results


Similar Description - AX2596

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
logo
Unisonic Technologies
P1596 UTC-P1596 Datasheet
223Kb / 8P
150KHZ, 1.5A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
FOSLINK SEMICONDUCTOR C...
FSP3125 FOSLINK-FSP3125 Datasheet
272Kb / 9P
150KHZ竊?A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com