Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX2596S Datasheet (PDF) - AXElite technology co. ltd

AX2596S Datasheet PDF - AXElite technology co. ltd
Part # AX2596S
Download  AX2596S Download
File Size   854.43 Kbytes
Page   13 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 150KHz, 2A PWM Buck DC/DC Converter

AX2596S Datasheet (PDF)

Go To PDF Page Download Datasheet
AX2596S Datasheet PDF - AXElite technology co. ltd

Part # AX2596S
Download  AX2596S Click to download

File Size   854.43 Kbytes
Page   13 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 150KHz, 2A PWM Buck DC/DC Converter

AX2596S Datasheet (HTML) - AXElite technology co. ltd


AX2596S Product details

 GENERAL DESCRIPTION
The AX2596S series are monolithic IC designed for a step down DC/DC converter, and own the ability of driving a 2A load without additional transistor. It saves board space. The external shutdown function can be controlled by logic level and then come into standby mode. The internal compensation makes feedback control having good line and load regulation without external design. Regarding protected function, thermal shutdown is to prevent over temp erature operating from damage, and current limit is against over current operating of the output switch. If current limit function occurs and VFB is down below 0.5V, the switching frequency will be reduced.
The AX2596S series operates at a switching f requency of 150KHz thus allow smaller sized filter components than what would be needed with lower frequency switching regulators. The output version included fixed 3.3V, 5V, and an adjustable type. The chips are available in standard 8-lead SOP, SOP-8L with Exposed pad packages.

 FEATURES
- Output voltage: 3.3V, 5V and adjustable output version 1.
- Adjustable version output voltage range, 1.23V to 38.5V.
- 150KHz fixed switching frequency.
- Voltage mode non synchronous PWM control.
- Thermal shutdown and current li mit protection.
- ON/OFF shutdown control input.
- Short Circuit Protect (SCP).
- Operating voltage can be up to 40V.
- Output load current: 2A.
- SOP-8L, SOP-8L-EP Pb-Free packages.
- Low power standby mode.
- Built in switching transistor on chip.
- RoHS and Halogen fre e compliance.




Similar Part No. - AX2596S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX2596 ETC-AX2596 Datasheet
197Kb / 7P
150KHz, 3A PWM Buck DC/DC Converter
logo
AXElite technology co. ...
AX2596 AXELITE-AX2596 Datasheet
822Kb / 10P
150KHz, 3 A PWM Buck DC/DC Converter
Rev.1.1 Oct.03, 2019
AX2596-50M5 AXELITE-AX2596-50M5 Datasheet
822Kb / 10P
150KHz, 3 A PWM Buck DC/DC Converter
Rev.1.1 Oct.03, 2019
AX2596-50M5A AXELITE-AX2596-50M5A Datasheet
822Kb / 10P
150KHz, 3 A PWM Buck DC/DC Converter
Rev.1.1 Oct.03, 2019
AX2596-M5 AXELITE-AX2596-M5 Datasheet
822Kb / 10P
150KHz, 3 A PWM Buck DC/DC Converter
Rev.1.1 Oct.03, 2019
More results


Similar Description - AX2596S

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
2A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_V01 Datasheet
421Kb / 12P
150kHz, 2A PWM BUCK DC-DC CONVERTER
Rev. 6 - 2 February 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com