Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3984ES Datasheet (PDF) - AXElite technology co. ltd

AX3984ES Datasheet PDF - AXElite technology co. ltd
Part # AX3984ES
Download  AX3984ES Download
File Size   817.94 Kbytes
Page   17 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 23V/3A High Efficiency Synchronous Rectified Step Down DC/DC Converter

AX3984ES Datasheet (PDF)

Go To PDF Page Download Datasheet
AX3984ES Datasheet PDF - AXElite technology co. ltd

Part # AX3984ES
Download  AX3984ES Click to download

File Size   817.94 Kbytes
Page   17 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 23V/3A High Efficiency Synchronous Rectified Step Down DC/DC Converter

AX3984ES Datasheet (HTML) - AXElite technology co. ltd


AX3984ES Product details

 GENERAL DESCRIPTION
The AX3984 is a high efficiency synchronous step-down DC/DC converter series with 3A continuous output current supplied. Included on the substrate with the features listed is a high performance trans-conductance error amplifier that provides tight voltage regulation and accuracy under transient conditions. A built-in Under Voltage Lockout (UVLO) circuit is provided to prevent start-up until the input voltage reaches to 4.5V. In addition, it features over-current protection and thermal shutdown. To improve the light load efficiency, it is designed as the power saving mode (PSM) to minimize the switching loss by reducing the switching frequency.
The AX3984 is available in SOP8_EP package.

 APPLICATION
- Data comm. xDSL CPE Graphics Cards
- Set-Top-Box, DVD
- Servers/Networking
- DSP and FPGA Power Supply
- Telecomm Equipments
- DC-DC Regulator Modules
- LCD Monitor and LCD TV

 FEATURES
- Input Voltage Supply Range from 4.5V to 23V
- Power Saving Mode (PSM) during the light Load Operation
- High Efficiency up to 93%
- Adjustable Output Voltage from 0.925V to 15V
- 3A Continuous Output Current
- 330KHz Constant Frequency Opera tion
- Current Mode Operation
- Programmable Soft Start
- Over temperature Protection
- Over current Protection
- Input Under Voltage Lockout (UVLO)
- 10 μ A Shutdown Current
- SOP8_EP Package
- RoHS and Halogen free compliance.




Similar Part No. - AX3984ES

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX3901 AXELITE-AX3901 Datasheet
1Mb / 17P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
Rev.1.1 Oct 02, 2019
AX3901C AXELITE-AX3901C Datasheet
1Mb / 17P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
Rev.1.1 Oct 02, 2019
AX3901CA AXELITE-AX3901CA Datasheet
1Mb / 17P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
Rev.1.1 Oct 02, 2019
AX3901Z6 AXELITE-AX3901Z6 Datasheet
1Mb / 17P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
Rev.1.1 Oct 02, 2019
AX3901Z6A AXELITE-AX3901Z6A Datasheet
1Mb / 17P
18V/2A High Efficiency Synchronous Rectified Step-Down DC/DC Converter
Rev.1.1 Oct 02, 2019
More results


Similar Description - AX3984ES

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1570 MPS-MP1570 Datasheet
326Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307 Datasheet
346Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 MPS-MP2307_06 Datasheet
342Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
E-CMOS Corporation
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
3A, 23V, Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
3A 23V Synchronous Rectified Step-Down Converter
logo
Guangdong Kexin Industr...
MP1484 KEXIN-MP1484 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
MP2307 KEXIN-MP2307 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP2307 MPS-MP2307_08 Datasheet
449Kb / 12P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
5/28/2008 Rev. 1.9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com