Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3984ES Datasheet(PDF) 2 Page - AXElite technology co. ltd

Part # AX3984ES
Description  23V/3A High Efficiency Synchronous Rectified Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3984ES Datasheet(HTML) 2 Page - AXElite technology co. ltd

  AX3984ES Datasheet HTML 1Page - AXElite technology co. ltd AX3984ES Datasheet HTML 2Page - AXElite technology co. ltd AX3984ES Datasheet HTML 3Page - AXElite technology co. ltd AX3984ES Datasheet HTML 4Page - AXElite technology co. ltd AX3984ES Datasheet HTML 5Page - AXElite technology co. ltd AX3984ES Datasheet HTML 6Page - AXElite technology co. ltd AX3984ES Datasheet HTML 7Page - AXElite technology co. ltd AX3984ES Datasheet HTML 8Page - AXElite technology co. ltd AX3984ES Datasheet HTML 9Page - AXElite technology co. ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.05, 2019
AX3984
APPLICATION
-
Data comm. xDSL CPE Graphics Cards
-
Set-Top-Box, DVD
-
Servers/Networking
-
DSP and FPGA Power Supply
-
Telecomm Equipments
-
DC-DC Regulator Modules
-
LCD Monitor and LCD TV
TYPICAL APPLICATION
VIN
BS
VSW
FB
COMP
GND
EN
L
10uH
R2
10K
Cout
22uFx2
Cs
Rc
Cbs
10nF
Input
4.5 to 23V
Cin
22uF/25V
MLCC
R1
26.1K
AX3984
Cp
SS
Css
10nF
Output
3.3V
Cup
Option
Figure 1. AX3984 Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com