Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX3984ES Datasheet(PDF) 13 Page - AXElite technology co. ltd

Part # AX3984ES
Description  23V/3A High Efficiency Synchronous Rectified Step Down DC/DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd

AX3984ES Datasheet(HTML) 13 Page - AXElite technology co. ltd

Back Button AX3984ES Datasheet HTML 9Page - AXElite technology co. ltd AX3984ES Datasheet HTML 10Page - AXElite technology co. ltd AX3984ES Datasheet HTML 11Page - AXElite technology co. ltd AX3984ES Datasheet HTML 12Page - AXElite technology co. ltd AX3984ES Datasheet HTML 13Page - AXElite technology co. ltd AX3984ES Datasheet HTML 14Page - AXElite technology co. ltd AX3984ES Datasheet HTML 15Page - AXElite technology co. ltd AX3984ES Datasheet HTML 16Page - AXElite technology co. ltd AX3984ES Datasheet HTML 17Page - AXElite technology co. ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13/17
Axelite Confidential Materials, do not copy or distribute without written consent.
Rev.1.1 Nov.05, 2019
AX3984
AX3984
BST
SW
External 5V
10nF
Layout Consideration
For proper operation of the converter, some layout rules should be followed. It is necessary to
understand which pin of AX3984 is sensitive and which is insensitive. Please refer the following for
the location where noise comes from on the circuit and where the clear ground is for the small
signal ground.
1.) First, put the input capacitor (CIN) as close as possible to the VIN pin.
2.) Secondly, place the Cs, Rs, Cp, Css and R2 as close as AX3984 and connect these analog
grounds (Clear AGND) to AX3984’s GND pin. It is recommended to use a dot short for these
AGND pins or connect the GND pin via contact.
3.) The large current loop shown in bold lines in the above figure circuit should be routed as short
and wide as possible and the switch node is a high dv/dt. It easily couples noise to other traces
by the capacitive path. Therefore the sensitive signals like FB, COMP and AGND should be
routed away with this noise source.
4.) The feedback network resistors (R1 & R2) should be routed away from the inductor and switch
node to minimize noise and EMI issue. And the R1 resistor should be sensed the output
capacitor or device loading, not the inductor’s output node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com