Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS106 Datasheet (PDF) - Campbell Scientific United Kingdom

CS106 Datasheet PDF - Campbell Scientific United Kingdom
Part # CS106
Download  CS106 Download
File Size   445.87 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Barometer (500 to 1100 hPa)

CS106 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS106 Datasheet PDF - Campbell Scientific United Kingdom

Part # CS106
Download  CS106 Click to download

File Size   445.87 Kbytes
Page   2 Pages
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom
Description Barometer (500 to 1100 hPa)

CS106 Datasheet (HTML) - Campbell Scientific United Kingdom


CS106 Product details

Benefits and Features
Optimized to mount in Campbell Scientific enclosures
Integral switching circuit limits power consumption to measurement cycle
Three-year warranty

Technical Description
The CS106 uses Vaisala's BAROCAP silicon capacitive sensor to measure baromedtric pressure. It is encased in a plastic shell (ABS/PC blend) fitted with an intake valve for pressure equilibration.
The CS106 outputs a linear signal of0 to 2.5 Vdc, which allows the barometetro be directly connected to a Campbell Scientific datalogger. An internal switching circuit allows the dataloggetro power the CS106 only during measurement, which reduces power consumption.




Similar Part No. - CS106

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
CS106 SYNQOR-CS106 Datasheet
2Mb / 9P
All capacitors are X7R multi-layer ceramic
logo
Chip Integration Techno...
CS1060CT-A CITC-CS1060CT-A Datasheet
465Kb / 3P
10A Low Barrier Diode
More results


Similar Description - CS106

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCDC-11-2 MINI-SCDC-11-2 Datasheet
261Kb / 1P
Directional Coupler 50廓 500 to 1100 MHz
logo
STMicroelectronics
LPS001WP STMICROELECTRONICS-LPS001WP Datasheet
377Kb / 30P
MEMS pressure sensor 300-1100 mbar absolute digital output barometer
05-Nov-2010
LPS25HB STMICROELECTRONICS-LPS25HB Datasheet
1Mb / 40P
MEMS pressure sensor: 260-1260 hPa absolute digital output barometer
21-May-2015
LPS22HB STMICROELECTRONICS-LPS22HB Datasheet
1Mb / 49P
MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
November 2016 Rev 5
logo
Mallory Sonalert Produc...
PT-3110P-05Q MSPI-PT-3110P-05Q Datasheet
100Kb / 1P
Resonant Frequency (Hz) 1100 짹 500
PT-3110PQ MSPI-PT-3110PQ Datasheet
90Kb / 1P
Resonant Frequency (Hz) 1100 짹 500
PT-3110WQ MSPI-PT-3110WQ Datasheet
88Kb / 1P
Resonant Frequency (Hz) 1100 짹 500
logo
STMicroelectronics
ILPS22QS STMICROELECTRONICS-ILPS22QS Datasheet
1Mb / 57P
Dual full-scale, 1260 hPa and 4060 hPa, absolute digital output barometer with embedded Qvar electrostatic sensor
04-May-2022
LPS22CH STMICROELECTRONICS-LPS22CH Datasheet
1Mb / 55P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
05-Aug-2020
LPS22HH STMICROELECTRONICS-LPS22HH Datasheet
1Mb / 59P
High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
04-Feb-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com