Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6631 Datasheet (PDF) - AXElite technology co. ltd

AX6631 Datasheet PDF - AXElite technology co. ltd
Part # AX6631
Download  AX6631 Download
File Size   643.84 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.2A High Output Current LDO Regulator

AX6631 Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6631 Datasheet PDF - AXElite technology co. ltd

Part # AX6631
Download  AX6631 Click to download

File Size   643.84 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 1.2A High Output Current LDO Regulator

AX6631 Datasheet (HTML) - AXElite technology co. ltd


AX6631 Product details

 GENERAL DESCRIPTION
The AX6631 is a low noise, high output current, low quiescent current and low dropout linear regulator. The Device includes pass element, error amplifier, band-gap, current limit and thermal shutdown circuitry. The output current is up to 1.2A, the characteristics of low dropout voltage and less quiescent current make it good for some critical current application, and for example, some battery powered devices. The typical quiescent current is approximately 50μA. In the shutdown mode, the maximum supply current is less than 1uA. Built-in current-limit, Short current protection and thermal-shutdown functions prevent any fault condition from IC damage.

 FEATURES
- Input voltage range : 2.6V~5.5V
- Adjustable Output voltage form 0.8V to 5.0V
- Dropout voltage is 380mV at 1A output current
- Guaranteed 1.2A output current
- Low quiescent current is 50μA (typ.)
- Maximum supply current in shutdown mode <1uA
- Fast transient response
- Current limit and thermal shutdown protection
- Short circuit current fold-back
- Available in the SOP-8L and TO252-5L Pb-Free Packages
- RoHS and Halogen free compliance.




Similar Part No. - AX6631

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6630 AXELITE-AX6630 Datasheet
910Kb / 15P
1.2A High Output Current LDO Regulator
Rev.2.3 Nov.12, 2019
AX6630-100D AXELITE-AX6630-100D Datasheet
910Kb / 15P
1.2A High Output Current LDO Regulator
Rev.2.3 Nov.12, 2019
AX6630-100DA AXELITE-AX6630-100DA Datasheet
910Kb / 15P
1.2A High Output Current LDO Regulator
Rev.2.3 Nov.12, 2019
AX6630-100E AXELITE-AX6630-100E Datasheet
910Kb / 15P
1.2A High Output Current LDO Regulator
Rev.2.3 Nov.12, 2019
AX6630-100EA AXELITE-AX6630-100EA Datasheet
910Kb / 15P
1.2A High Output Current LDO Regulator
Rev.2.3 Nov.12, 2019
More results


Similar Description - AX6631

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9110 INTERSIL-ISL9110 Datasheet
1Mb / 20P
1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
logo
Advanced Monolithic Sys...
AMS1073 AMS-AMS1073 Datasheet
498Kb / 6P
1.2A Peak Output Current
logo
Advanced Power Electron...
APE8969 A-POWER-APE8969 Datasheet
259Kb / 7P
1.2A HIGH OUTPUT CURRENT LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1150ADSXX HUAXINAN-AP1150ADSXX Datasheet
719Kb / 19P
Output LDO Regulator
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
Output LDO Regulator
AP1154ADLXX HUAXINAN-AP1154ADLXX Datasheet
1Mb / 32P
Output LDO Regulator
logo
Linear Technology
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
1.2A Step-Down Switching Regulator with Output Current Limit
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
Output Current up to 1.2A
logo
ELM Technology Corporat...
ELM84-SERIES ELM-TECH-ELM84-SERIES Datasheet
2Mb / 21P
CMOS 1.2A high current LDO voltage regulator
ELM84 ELM-TECH-ELM84 Datasheet
2Mb / 21P
CMOS 1.2A high current LDO voltage regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com