Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6646B Datasheet (PDF) - AXElite technology co. ltd

AX6646B Datasheet PDF - AXElite technology co. ltd
Part # AX6646B
Download  AX6646B Download
File Size   630.33 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 300mA LDO Regulator with Enable

AX6646B Datasheet (PDF)

Go To PDF Page Download Datasheet
AX6646B Datasheet PDF - AXElite technology co. ltd

Part # AX6646B
Download  AX6646B Click to download

File Size   630.33 Kbytes
Page   11 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 300mA LDO Regulator with Enable

AX6646B Datasheet (HTML) - AXElite technology co. ltd


AX6646B Product details

 GENERAL DESCRIPTION
The AX6646/A is a 300mA, low quiescent, high PSRR, low noise and low dropout linear regulator. The Device includes pass element, error amplifier, band-gap, current limit and thermal shutdown circuitry. The characteristics of low dropout voltage and less quiescent current make it good for some critical current application, for example, some battery powered devices. The typical quiescent current is approximately 40μA. In the shutdown mode, the maximum supply current is less than 1uA. The Output voltage is adjustable from 0.8V to 5.5V. Built-in current-limit, Short current protection and thermal-shutdown functions prevent any fault condition from IC damage.

 FEATURES
- Input voltage range is up to 6V
- 200mV Dropout at 150mA output current
- Guaranteed 300mA output current
- Low quiescent current 40μA (typ.)
- Adjustable Output voltage form 0.8V to 5.5V
- Maximum shutdown current <1uA
- Fast transient response
- Current limit and thermal shutdown protection
- Short circuit current fold-back
- Available in the 5-Pin Pb-Free SOT23 Package
- RoHS and Halogen free compliance.




Similar Part No. - AX6646B

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AX6601 AXELITE-AX6601 Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15F AXELITE-AX6601-15F Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15FA AXELITE-AX6601-15FA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15R AXELITE-AX6601-15R Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
AX6601-15RA AXELITE-AX6601-15RA Datasheet
511Kb / 11P
300mA Low Dropout (LDO) Linear Regulator
Rev.1.7 Nov.08, 2019
More results


Similar Description - AX6646B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179 Datasheet
163Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
logo
Taiwan Semiconductor Co...
TS5215 TSC-TS5215_07 Datasheet
385Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
logo
Richtek Technology Corp...
RT9179 RICHTEK-RT9179_08 Datasheet
138Kb / 10P
Adjustable, 300mA LDO Regulator with Enable
logo
Taiwan Semiconductor Co...
TS5215CS25 TSC-TS5215CS25 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CS33 TSC-TS5215CS33 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX525 TSC-TS5215CX525 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX533 TSC-TS5215CX533 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CX550 TSC-TS5215CX550 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
TS5215CY533 TSC-TS5215CY533 Datasheet
218Kb / 9P
300mA Low Noise LDO Voltage Regulator with Enable
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
300mA CMOS LDO Linear Regulator with Enable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com