Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1250ES Datasheet (PDF) - AXElite technology co. ltd

AX1250ES Datasheet PDF - AXElite technology co. ltd
Part # AX1250ES
Download  AX1250ES Download
File Size   753.8 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 2A Sink/Source Bus Termination Regulator

AX1250ES Datasheet (PDF)

Go To PDF Page Download Datasheet
AX1250ES Datasheet PDF - AXElite technology co. ltd

Part # AX1250ES
Download  AX1250ES Click to download

File Size   753.8 Kbytes
Page   10 Pages
Manufacturer  AXELITE [AXElite technology co. ltd]
Direct Link  http://www.axelite.com.tw/
Logo AXELITE - AXElite technology co. ltd
Description 2A Sink/Source Bus Termination Regulator

AX1250ES Datasheet (HTML) - AXElite technology co. ltd


AX1250ES Product details

 GENERAL DESCRIPTION
The AX1250ES is a simple, cost-effective and high-speed linear regulator designed to generate termination voltage in double data rate (DDR) memory system to comply with the JEDEC SSTL_2 and SSTL_18 or other specific interfaces such as HSTL, SCSI-2 and SCSI-3 etc. devices requirements. The regulator is capable of actively sinking or sourcing up to 2A while regulating an output voltage to within 40mV. The output termination voltage cab be tightly regulated to track 1/2VDDQ by two external voltage divider resistors or the desired output voltage can be programmed by externally forcing the REFEN pin voltage.
The AX1250ES also incorporates a high-speed differential amplifier to provide ultra-fast response in line/load transient. Other features include extremely low initial offset voltage, excellent load regulation, current limiting in bi-directions and on-chip thermal shut-down protection.
The AX1250ES are available in the SOP-8L-EP (Exposed Pad) surface mount packages.

 FEATURES
- Ideal for DDR-I, DDR-II and DDR-III VTT Applications
- Sink and Source 2A Continuous Current
- Integrated Power MOSFETs
- Generates Termination Voltage for SSTL_2, SSTL _18, HSTL, SCSI-2 and SCSI-3 Interfaces.
- High Accuracy Output Voltage at Full-Load
- Output Voltage traces REFEN Pin Voltage.
- Low External Component Count
- Shutdown for Suspend to RAM (STR) Functionality with High-Impedance Output
- Current Limiting Protection
- Thermal Shutdown Protection
- SOP-8L with exposed pad Pb-Free Package.
- RoHS and Halogen free compliance




Similar Part No. - AX1250ES

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX12500 AXIOMTEK-AX12500 Datasheet
200Kb / 1P
Flexible expansion through MiniPCI
More results


Similar Description - AX1250ES

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9173C RICHTEK-RT9173C Datasheet
225Kb / 13P
Cost-Effective, 2A Sink/Source Bus Termination Regulator
RT9199 RICHTEK-RT9199 Datasheet
204Kb / 13P
Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
2A Sink/Source Bus Termination Regulator
logo
Seaward Electronics Inc...
SE9174C SEAWARD-SE9174C Datasheet
326Kb / 6P
2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
2A Sink/Source Bus Termination Regulator
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
2A Sink/Source Bus Termination Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com