Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM8625 Datasheet (PDF) - Suzhou Zhisheng Semiconductor Technology Co., Ltd.

ACM8625 Datasheet PDF - Suzhou Zhisheng Semiconductor Technology Co., Ltd.
Part # ACM8625
Download  ACM8625 Download
File Size   1532.97 Kbytes
Page   36 Pages
Manufacturer  ACME [Suzhou Zhisheng Semiconductor Technology Co., Ltd.]
Direct Link  https://www.acme-semi.com/sy
Logo ACME - Suzhou Zhisheng Semiconductor Technology Co., Ltd.
Description ACM8625 2×26W stereo, digital input Class D audio amplifier Built-in DSP sound processing algorithm

ACM8625 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACM8625 Datasheet PDF - Suzhou Zhisheng Semiconductor Technology Co., Ltd.

Part # ACM8625
Download  ACM8625 Click to download

File Size   1532.97 Kbytes
Page   36 Pages
Manufacturer  ACME [Suzhou Zhisheng Semiconductor Technology Co., Ltd.]
Direct Link  https://www.acme-semi.com/sy
Logo ACME - Suzhou Zhisheng Semiconductor Technology Co., Ltd.
Description ACM8625 2×26W stereo, digital input Class D audio amplifier Built-in DSP sound processing algorithm

ACM8625 Datasheet (HTML) - Suzhou Zhisheng Semiconductor Technology Co., Ltd.


ACM8625 Product details

feature
 Flexible power supply configuration
- Supply voltage range PVDD: 4.5V to 26.4V
- DVDD and I/O: 3.3V or 1.8V
 Output power
- 2×26W, stereo output (8Ω, 22V, THD+N = 1%)
- 2×21W, stereo output (4Ω, 15V, THD+N = 1%)
- 2X30W (heat sink), stereo output (4Ω, 18V, THD+N =
1%)
 Excellent audio performance
- THD+N ≤ 0.04% at 1W, 1kHz, PVDD = 12V
- SNR signal-to-noise ratio 114 dB (weighted)
- Ultra-low noise floor ≤ 32 (A-weighted)
- Ultra-low quiescent current: 18 mA
- Efficiency: 90% (8Ω load at 12V)
- Prevent power failure POP
 Digital audio interface
- I
C Optional 4 device communication addresses
- I
S, left and right alignment, TDM audio format
- 3-wire digital audio input
- Sampling 32kHz, 44.1kHz/48kHz, 88.2kHz/96kHz,
176.4kHz/192kHz
- SDOUT digital audio output supports echo cancellation
 Integrated sound effect algorithm
- Digital/analog gain adjustment
- Low volume bass enhancement
- 2×15 BQs for left and right channels, plus 2×5 post BQs for enhanced sound effect adjustment
- Anti-pop compressor adjusts volume before and after, dynamically maintaining the dynamic range in audio processing
- 3-band DRC, advance energy prediction combined with back-end equalizer to achieve smooth multi-band sound effect control and improve music clarity
 Protection mechanism
- FAULT status output
- OCP overcurrent protection, OTP overheat protection
- UVLO overvoltage and undervoltage protection
- Digital audio clock check

Applications
 Portable speakers: Bluetooth speakers, trolley speakers
 Smart speakers, smart devices
 Home audio: TV, home theater
 Soundbar, bar speakers, desktop speakers
 Laptops, desktops




Similar Part No. - ACM8625

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
ACM8052 ALLIED-ACM8052 Datasheet
321Kb / 1P
COMMON MODE CHOKES Common mode choke for power application
More results


Similar Description - ACM8625

ManufacturerPart #DatasheetDescription
logo
Rohm
BM5446EFV ROHM-BM5446EFV Datasheet
819Kb / 33P
20W20W Class-D Speaker Amplifier for Digital Input with built-in DSP
BM5446EFV ROHM-BM5446EFV_10 Datasheet
882Kb / 33P
Class-D Speaker Amplifier for Digital Input with Built-in DSP
logo
Princeton Technology Co...
PT2334 PTC-PT2334 Datasheet
156Kb / 4P
Stereo 2W Class-D Amplifier with Built-In Audio Processor
PT2337 PTC-PT2337 Datasheet
259Kb / 5P
Stereo 2W Class-D Amplifier With Built-In Audio Processor
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
Intersil Corporation
D2-926XX INTERSIL-D2-926XX Datasheet
911Kb / 37P
Integrated DSP Digital Sound Processing
logo
Texas Instruments
TAS3251 TI1-TAS3251 Datasheet
1Mb / 123P
175-W Stereo, 350-W Mono Ultra-HD Digital-Input Class-D Amplifier with Advanced DSP Processing
logo
Analog Devices
SSM2518 AD-SSM2518_18 Datasheet
2Mb / 48P
Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
1/2018-Rev. A to Rev. B
logo
Princeton Technology Co...
PT2833A PTC-PT2833A Datasheet
207Kb / 4P
Stereo 15W Class-D Amplifier with Built-In Audio Processor
logo
Texas Instruments
TAS5822M TI-TAS5822M Datasheet
3Mb / 90P
TAS5822M 35-W, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with 96kHz Enhanced Processing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com