Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR-2216CP Datasheet (PDF) - Exar Corporation

XR-2216CP Datasheet PDF - Exar Corporation
Part # XR-2216CP
Download  XR-2216CP Download
File Size   187.85 Kbytes
Page   4 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Monolithic Compand~r

XR-2216CP Datasheet (PDF)

Go To PDF Page Download Datasheet
XR-2216CP Datasheet PDF - Exar Corporation

Part # XR-2216CP
Download  XR-2216CP Click to download

File Size   187.85 Kbytes
Page   4 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Monolithic Compand~r

XR-2216CP Datasheet (HTML) - Exar Corporation


XR-2216CP Product details

GENERAL DESCRIPTION
The XR-2216 is a monolithic audio frequency compandor designed to compress or expand the dynamic
range of speech or other analog signals transmitted
through telecommunication systems. The monolithic
circuit can be connected as either a compressor or an
expander, the choice being determined by the external
circuitry.

FEATURES
Functions as either a Compressor or an Expander
Wide Dynamic Range: 60 dB
Wide Supply Range: 6 to 20 Volts
Excellent Transfer Function Tracking
Low Power Supply Drain
Controlled Attack and Release Times
Low Noise and Low Distortion




Similar Part No. - XR-2216CP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
FSK Demodulator/ Tone Decoder
XR-2211A EXAR-XR-2211A Datasheet
246Kb / 24P
FSK Demodulator/ Tone Decoder
XR-2211ACD EXAR-XR-2211ACD Datasheet
246Kb / 24P
FSK Demodulator/ Tone Decoder
XR-2211ACP EXAR-XR-2211ACP Datasheet
246Kb / 24P
FSK Demodulator/ Tone Decoder
XR-2212 EXAR-XR-2212 Datasheet
228Kb / 20P
Precision Phase-Locked Loop
More results


Similar Description - XR-2216CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSDC-8915 ETC-HSDC-8915 Datasheet
419Kb / 8P
14 Bit Monolithic hybrid S/D and R/D tracking converters
logo
Powerbox
MULTIPLUS POWERBOX-MULTIPLUS Datasheet
115Kb / 2P
I N V E R T E R C H A R G E R
logo
KODENSHI_AUK CORP.
SFN5A300DN KODENSHI-SFN5A300DN Datasheet
534Kb / 5P
Ultrafast R ecovery Power R ectifier
SFN5A600 KODENSHI-SFN5A600 Datasheet
705Kb / 7P
Ultrafast R ecovery Power R ectifier
SFN20A600 KODENSHI-SFN20A600 Datasheet
720Kb / 7P
Ultrafast R ecovery Power R ectifier
logo
Silicon Supplies
CGS3311 SS-CGS3311 Datasheet
1Mb / 10P
Monolithic crystal controlled CMOS oscillator in bare die f o r m
74ACT3301 SS-74ACT3301_V01 Datasheet
1Mb / 10P
Monolithic crystal controlled CMOS oscillator in bare die f o r m
Rev 1.2 16/09/22
logo
Molex Electronics Ltd.
2166201033 MOLEX-2166201033 Datasheet
328Kb / 1P
SQUBA3.6 R-R 3CKT 600MM Sn
2020/07/08
2166201042 MOLEX-2166201042 Datasheet
332Kb / 1P
SQUBA3.6 R-R 4CKT 300MM Sn
2020/07/08
2153101041 MOLEX-2153101041 Datasheet
313Kb / 1P
MizuP25 R-R 4ckt 150mm Sn
2020/07/20
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com