Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25F02A Datasheet (PDF) - Shanghai Fudan Microelectronics Group Co., Ltd.

FM25F02A Datasheet PDF - Shanghai Fudan Microelectronics Group Co., Ltd.
Part # FM25F02A
Download  FM25F02A Download
File Size   1412.76 Kbytes
Page   43 Pages
Manufacturer  FUDAN [Shanghai Fudan Microelectronics Group Co., Ltd.]
Direct Link  https://www.fmsh.com/
Logo FUDAN - Shanghai Fudan Microelectronics Group Co., Ltd.
Description 2M-BIT SERIAL FLASH MEMORY

FM25F02A Datasheet (PDF)

Go To PDF Page Download Datasheet
FM25F02A Datasheet PDF - Shanghai Fudan Microelectronics Group Co., Ltd.

Part # FM25F02A
Download  FM25F02A Click to download

File Size   1412.76 Kbytes
Page   43 Pages
Manufacturer  FUDAN [Shanghai Fudan Microelectronics Group Co., Ltd.]
Direct Link  https://www.fmsh.com/
Logo FUDAN - Shanghai Fudan Microelectronics Group Co., Ltd.
Description 2M-BIT SERIAL FLASH MEMORY

FM25F02A Datasheet (HTML) - Shanghai Fudan Microelectronics Group Co., Ltd.


FM25F02A Product details

1. Description
The FM25F02A is a 2M-bit (256K-byte) Serial Flash
memory, with advanced write protection mechanisms.
The FM25F02A supports the standard Serial
Peripheral Interface (SPI), and a high performance
Dual output as well as Dual I/O.
The FM25F02A can be programmed 1 to 256 bytes
at a time, using the Page Program instruction. It is
designed to allow either single Sector/Block at a
time or full chip erase operation. The FM25F02A
can be configured to protect part of the memory as
the software protected mode. The device can
sustain a minimum of 100K program/erase cycles on
each sector or block.

2. Features
z 2Mbit of Flash memory
– 64 uniform sectors with 4K-byte each
– 4 uniform blocks with 64K-byte each
– 256 bytes per programmable page
z Wide Operation Range
– 2.3V~3.6V single voltage supply
– Industrial temperature range
z Serial Interface
– Standard SPI: CLK, CS#, DI, DO, WP#
– Dual SPI: CLK, CS#, DQ0, DQ1, WP#
– Continuous READ mode support
z High Performance
– Max FAST_READ clock frequency: 100MHz
– Max READ clock frequency: 66MHz
– Typical page program time: 1.5ms
– Typical sector erase time: 90ms
– Typical block erase time: 500ms
– Typical chip erase time: 1.8s
z Low Power Consumption
– Typical standby current: 1μA
z Security
– Software and hardware write protection
– Lockable 256-Byte OTP security sectors
– Low Voltage Write Inhibit
– 64-Bit Unique ID for each device
z High Reliability
– Endurance: 100,000 program/erase cycles
– Data retention: 20 years




Similar Part No. - FM25F02A

ManufacturerPart #DatasheetDescription
logo
RFE international
FM25 RFE-FM25 Datasheet
1Mb / 2P
Fusible Flameproof Resistors
01-MAR-2023
logo
Digitron Semiconductors
FM25 DIGITRON-FM25 Datasheet
595Kb / 2P
Wireless Digital Thermometer
001/17
logo
Rectron Semiconductor
FM250 RECTRON-FM250 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 2.0 Amperes)
logo
Formosa MS
FM250 FORMOSA-FM250 Datasheet
68Kb / 2P
Silicon epitaxial planer type
FM250-C FORMOSA-FM250-C Datasheet
71Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results


Similar Description - FM25F02A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
logo
OKI electronic componet...
MSM9892L OKI-MSM9892L Datasheet
107Kb / 7P
2M-bit Serial Voice Flash Memory
logo
Winbond
W25P10 WINBOND-W25P10 Datasheet
1Mb / 35P
1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI
logo
Sanyo Semicon Device
LE25FU206 SANYO-LE25FU206 Datasheet
144Kb / 21P
2M-bit Serial Flash Memory
LE25FU206 SANYO-LE25FU206_11 Datasheet
167Kb / 21P
2M-bit (256K횞8) Serial Flash Memory
logo
Winbond
W25Q20BW WINBOND-W25Q20BW Datasheet
2Mb / 70P
1.8V 2M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
Sanyo Semicon Device
LE25U20AMB SANYO-LE25U20AMB Datasheet
163Kb / 21P
2M-bit (256K횞8) Serial Flash Memory
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
ELM Electronics
GD25Q21B ELM-GD25Q21B Datasheet
3Mb / 49P
2M-bit Serial Flash
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
8M-BIT SERIAL FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com