Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25F02A Datasheet(PDF) 3 Page - Shanghai Fudan Microelectronics Group Co., Ltd.

Part # FM25F02A
Description  2M-BIT SERIAL FLASH MEMORY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUDAN [Shanghai Fudan Microelectronics Group Co., Ltd.]
Direct Link  https://www.fmsh.com/
Logo FUDAN - Shanghai Fudan Microelectronics Group Co., Ltd.

FM25F02A Datasheet(HTML) 3 Page - Shanghai Fudan Microelectronics Group Co., Ltd.

  FM25F02A Datasheet HTML 1Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 2Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 3Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 4Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 5Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 6Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 7Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 8Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 9Page - Shanghai Fudan Microelectronics Group Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
1. Description
The FM25F02A is a 2M-bit (256K-byte) Serial Flash
memory, with advanced write protection mechanisms.
The FM25F02A supports the standard Serial
Peripheral Interface (SPI), and a high performance
Dual output as well as Dual I/O.
The FM25F02A can be programmed 1 to 256 bytes
at a time, using the Page Program instruction. It is
designed to allow either single Sector/Block at a
time or full chip erase operation. The FM25F02A
can be configured to protect part of the memory as
the software protected mode. The device can
sustain a minimum of 100K program/erase cycles on
each sector or block.
2. Features
2Mbit of Flash memory
– 64 uniform sectors with 4K-byte each
– 4 uniform blocks with 64K-byte each
– 256 bytes per programmable page
Wide Operation Range
– 2.3V~3.6V single voltage supply
– Industrial temperature range
Serial Interface
– Standard SPI: CLK, CS#, DI, DO, WP#
– Dual SPI: CLK, CS#, DQ0, DQ1, WP#
– Continuous READ mode support
High Performance
– Max FAST_READ clock frequency: 100MHz
– Max READ clock frequency: 66MHz
– Typical page program time: 1.5ms
– Typical sector erase time: 90ms
– Typical block erase time: 500ms
– Typical chip erase time: 1.8s
Low Power Consumption
– Typical standby current: 1μA
Security
– Software and hardware write protection
– Lockable 256-Byte OTP security sectors
– Low Voltage Write Inhibit
– 64-Bit Unique ID for each device
High Reliability
– Endurance: 100,000 program/erase cycles
– Data retention: 20 years
Green Package
– 8-pin SOP (150mil)
– 8-pin SOP (208mil)
– 8-pin TSSOP
– 8-pad TDFN (2×3mm)
– All Packages are RoHS Compliant and Halogen-
free
3. Packaging Type
4. Pin Configurations
PIN
NO.
PIN
NAME I/O
FUNCTION
1
CS#
I Chip Select Input
2
DO
(DQ1) I/O
Data Output (Data Input Output
1)(1)
3
WP#
I Write Protect Input
4
VSS
Ground
5
DI
(DQ0) I/O
Data Input (Data Input Output
0)(1)
6
CLK
I Serial Clock Input
7
HOLD#
I Hold Input
8
VCC
Power Supply
Note:
1 DQ0 and DQ1 are used for Dual SPI instructions.
Datasheet
FM25F02A 2M-BIT SERIAL FLASH MEMORY
Ver 1.3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com