Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25F02A Datasheet(PDF) 39 Page - Shanghai Fudan Microelectronics Group Co., Ltd.

Part # FM25F02A
Description  2M-BIT SERIAL FLASH MEMORY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUDAN [Shanghai Fudan Microelectronics Group Co., Ltd.]
Direct Link  https://www.fmsh.com/
Logo FUDAN - Shanghai Fudan Microelectronics Group Co., Ltd.

FM25F02A Datasheet(HTML) 39 Page - Shanghai Fudan Microelectronics Group Co., Ltd.

Back Button FM25F02A Datasheet HTML 35Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 36Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 37Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 38Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 39Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 40Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 41Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 42Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 43Page - Shanghai Fudan Microelectronics Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
SOP 8 (208mil)
Symbol
MIN
MAX
A
– –
2.100
A1
0.050
0.250
b
0.350
0.500
c
0.100
0.250
D
5.130
5.330
E1
5.180
5.380
E
7.700
8.100
e
1.270(BSC)
L
0.500
0.850
θ
0°
8°
NOTE:
1.
Dimensions are in Millimeters.
Datasheet
FM25F02A 2M-BIT SERIAL FLASH MEMORY
Ver 1.3
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com