Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25F02A Datasheet(PDF) 13 Page - Shanghai Fudan Microelectronics Group Co., Ltd.

Part # FM25F02A
Description  2M-BIT SERIAL FLASH MEMORY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUDAN [Shanghai Fudan Microelectronics Group Co., Ltd.]
Direct Link  https://www.fmsh.com/
Logo FUDAN - Shanghai Fudan Microelectronics Group Co., Ltd.

FM25F02A Datasheet(HTML) 13 Page - Shanghai Fudan Microelectronics Group Co., Ltd.

Back Button FM25F02A Datasheet HTML 9Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 10Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 11Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 12Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 13Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 14Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 15Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 16Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 17Page - Shanghai Fudan Microelectronics Group Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Datasheet
FM25F02A 2M-BIT SERIAL FLASH MEMORY
Ver 1.3
13
INSTRUCTION
NAME
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
Manufacturer/Device
ID(4)
90h
dummy
dummy
00h
(MF7-MF0)
(ID7-ID0)
JEDEC ID(4)
9Fh
(MF7-MF0)
Manufacturer
(ID15-ID8)
Memory
Type
(ID7-ID0)
Capacity
Read Unique ID
4Bh
dummy
dummy
dummy
dummy
(UID63-UID0)
Enter OTP mode
3Ah
Notes:
1.
Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )”
indicate data output from the device on DO pin.
2.
The Status Register contents and Device ID will repeat continuously until CS# terminates the
instruction.
3.
At least one byte of data input is required for Page Program and Program Security Sectors,
up to 256 bytes of data input. If more than 256 bytes of data are sent to the device, the
addressing will wrap to the beginning of the page and overwrite previously sent data.
4.
See
X
Table 3
X
X
X
Manufacturer and Device Identification
X
X
table for device ID information.
11.3.
Dual SPI Instructions Set
Table 5
Dual SPI Instructions Set
INSTRUCTION
NAME
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
BYTE 6
CLOCK NUMBER
(0-7)
(8-15)
(16-23)
(24-31)
(32-39)
(40-47)
Fast Read Dual
Output
3Bh
A23-A16
A15-A8
A7-A0
dummy
(D7-D0, …)(6)
Fast Read Dual I/O
BBh
A23-A8(5)
A7-A0, M7-
M0 (5)
(D7-
D0, …)(6)
Notes:
5.
Data bytes are shifted with Most Significant Bit first. Byte fields with data in parenthesis “( )”
indicate data output from the device on 1 or 2 DQ pins.
6.
The Status Register contents and Device ID will repeat continuously until CS# terminates the
instruction.
7.
At least one byte of data input is required for Page Program and Program Security Sectors,
up to 256 bytes of data input. If more than 256 bytes of data are sent to the device, the
addressing will wrap to the beginning of the page and overwrite previously sent data.
8.
See Table 3 Manufacturer and Device Identification table for device ID information.
9.
Dual SPI address input format:
DQ0 = A22, A20, A18, A16, A14, A12, A10, A8 A6, A4, A2, A0, M6, M4, M2, M0
DQ1 = A23, A21, A19, A17, A15, A13, A11, A9 A7, A5, A3, A1, M7, M5, M3, M1
10. Dual SPI data output format:
DQ0 = (D6, D4, D2, D0)
DQ1 = (D7, D5, D3, D1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com