Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM25F02A Datasheet(PDF) 21 Page - Shanghai Fudan Microelectronics Group Co., Ltd.

Part # FM25F02A
Description  2M-BIT SERIAL FLASH MEMORY
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUDAN [Shanghai Fudan Microelectronics Group Co., Ltd.]
Direct Link  https://www.fmsh.com/
Logo FUDAN - Shanghai Fudan Microelectronics Group Co., Ltd.

FM25F02A Datasheet(HTML) 21 Page - Shanghai Fudan Microelectronics Group Co., Ltd.

Back Button FM25F02A Datasheet HTML 17Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 18Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 19Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 20Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 21Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 22Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 23Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 24Page - Shanghai Fudan Microelectronics Group Co., Ltd. FM25F02A Datasheet HTML 25Page - Shanghai Fudan Microelectronics Group Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
done the Sector Erase instruction will not be executed. After CS# is driven high, the self-timed
Sector Erase instruction will commence for a time duration of tSE (See “
XX
12.6
X
X
AC Electrical
Characteristics
X
X
”). While the Sector Erase cycle is in progress, the Read Status Register
instruction may still be accessed for checking the status of the WIP bit. The WIP bit is a 1 during
the Sector Erase cycle and becomes a 0 when the cycle is finished and the device is ready to
accept other instructions again. After the Sector Erase cycle has finished the Write Enable Latch
(WEL) bit in the Status Register is cleared to 0. The Sector Erase instruction will not be executed
if the addressed page is protected by the Block Protect (BP2, BP1, and BP0) bits (see
XX
Table 2
X
X
Status Register Memory Protection
X
X
table).
Figure 15 Sector Erase Instruction
11.14. 32KB Block Erase (BE32) (52h)
The 32KB Block Erase instruction sets all memory within a specified block (32K-bytes) to the
erased state of all 1s (FFh). A Write Enable instruction must be executed before the device will
accept the Block Erase Instruction (Status Register bit WEL must equal 1). The instruction is
initiated by driving the CS# pin low and shifting the instruction code “52h” followed a 24-bit block
address A23-A0. The Block Erase instruction sequence is shown in Figure 16.
The CS# pin must be driven high after the eighth bit of the last byte has been latched. If this is not
done the Block Erase instruction will not be executed. After CS# is driven high, the self-timed
Block Erase instruction will commence for a time duration of tBE2 (See 12.6 AC Electrical
Characteristics”). While the Block Erase cycle is in progress, the Read Status Register instruction
may still be accessed for checking the status of the WIP bit. The WIP bit is a 1 during the Block
Erase cycle and becomes a 0 when the cycle is finished and the device is ready to accept other
instructions again. After the Block Erase cycle has finished the Write Enable Latch (WEL) bit in
the Status Register is cleared to 0. The Block Erase instruction will not be executed if the
addressed page is protected by the Block Protect (BP2, BP1, and BP0) bits (see Table 2 Status
Register Memory Protection table).
Datasheet
FM25F02A 2M-BIT SERIAL FLASH MEMORY
Ver 1.3
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com