Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4056AB5F Datasheet (PDF) - Lowpower Semiconductor inc

LP4056AB5F Datasheet PDF - Lowpower Semiconductor inc
Part # LP4056AB5F
Download  LP4056AB5F Download
File Size   496.72 Kbytes
Page   7 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 1A/800mA Standalone Linear Li-Ion Battery Charger

LP4056AB5F Datasheet (PDF)

Go To PDF Page Download Datasheet
LP4056AB5F Datasheet PDF - Lowpower Semiconductor inc

Part # LP4056AB5F
Download  LP4056AB5F Click to download

File Size   496.72 Kbytes
Page   7 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description 1A/800mA Standalone Linear Li-Ion Battery Charger

LP4056AB5F Datasheet (HTML) - Lowpower Semiconductor inc


LP4056AB5F Product details

General Description
The LP4056 is a complete constant-current/constant- voltage
linear charger for single cell lithium-ion batteries. Its ESOP8
package and low external component count make the LP4056
ideally suited for portable applications. Furthermore, the
LP4056 is specifically designed to work within USB power
specifications. No external sense resistor is needed, and no
blocking diode is required due to the internal MOSFET
architecture. Thermal feedback regulates the charge current to
limit the die temperature during high power operation or high
ambient temperature. The charge voltage is fixed at 4.2V, and
the charge current can be programmed externally with a single
resistor. The LP4056 automatically terminates the charge cycle
when the charge current drops to 1/10th the programmed value
after the final float voltage is reached. When the input supply
(wall adapter or USB supply) is removed, the LP4056
automatically enters a low current state, dropping the battery
drain current to less than 1µA. Other features include charge
current monitor, automatic recharge and a status pin to indicate
charge termination and the presence of an input voltage.

Features
 Programmable Charge Current up to 1A/800mA
 No MOSFET, Sense Resistor or Blocking Diode Required
 Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize
 Charge Rate Without Risk of Overheating
 4.2V Charge Voltage with ± 1% Accuracy
 Charge Current Monitor Output for Gas Gauging
 Automatic Recharge
 2.9V Trickle Charge Threshold
 C/10 Charge Termination
 Output OCP
 Charging OTP
 Package in ESOP8




Similar Part No. - LP4056AB5F

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
More results


Similar Description - LP4056AB5F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBC08 STMICROELECTRONICS-STBC08 Datasheet
328Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
800mA Standalone linear Li-Ion Battery charger with thermal regulation
04-Sep-2006
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
STMicroelectronics
AN2407 STMICROELECTRONICS-AN2407 Datasheet
174Kb / 14P
800mA standalone linear Li-Ion
19-Sep-2006
logo
Lowpower Semiconductor ...
LP4061 POWER-LP4061 Datasheet
478Kb / 7P
800mA Standalone Linear Li-Ion Battery Charger with Dual LED Display
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
logo
AiT Semiconductor Inc.
A4055 AITSEMI-A4055 Datasheet
922Kb / 19P
BATTERY MANAGEMENT 800mA STANDALONE LINEAR LI-ION BATTERY CHARGER
REV1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com