Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4056AB5F Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP4056AB5F
Description  1A/800mA Standalone Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4056AB5F Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP4056AB5F Datasheet HTML 1Page - Lowpower Semiconductor inc LP4056AB5F Datasheet HTML 2Page - Lowpower Semiconductor inc LP4056AB5F Datasheet HTML 3Page - Lowpower Semiconductor inc LP4056AB5F Datasheet HTML 4Page - Lowpower Semiconductor inc LP4056AB5F Datasheet HTML 5Page - Lowpower Semiconductor inc LP4056AB5F Datasheet HTML 6Page - Lowpower Semiconductor inc LP4056AB5F Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP4056-02
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP4056
Functional Pin Description
Package Type
Pin Configurations
ESOP8
4
3
2
1
5
6
7
8
STAT2
VIN
NC
GND
BAT
STAT1
NC
ISET
GND
9
Pin
Name
Description
1、8
NC
No Connector.
2
ISET
Charge Current Program and Charge Current Monitor Pin. The charge current is
programmed by connecting a 1% resistor, RISET, to ground. When charging in
constant-current mode, this pin servos to 1V. In all modes, the voltage on this pin can be
used to measure the charge current using the following formula: IBAT=1000/RISET
3、9
GND
Ground.
4
VIN
Positive Input Supply Voltage.
5
BAT
Charge Current Output. Provides charge current to the battery and regulates the final float
voltage to 4.2V. An internal precision resistor divider from this pin sets the float voltage.
6
STAT2
Open-Drain Charge Status Output. When the battery is charging, the STAT2 pin could be
pulled High by an external pull high resistor. When the charge cycle is completed, the pin is
pulled Low by an internal N-channel MOSFET.
7
STAT1
Open-Drain Charge Status Output. When the battery is charging, the STAT1 pin is pulled
low by an internal N-channel MOSFET. When the charge cycle is completed, the pin could
be pulled High by an external pull high resistor.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com