Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4056AB5F Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP4056AB5F
Description  1A/800mA Standalone Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4056AB5F Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP4056AB5F Datasheet HTML 1Page - Lowpower Semiconductor inc LP4056AB5F Datasheet HTML 2Page - Lowpower Semiconductor inc LP4056AB5F Datasheet HTML 3Page - Lowpower Semiconductor inc LP4056AB5F Datasheet HTML 4Page - Lowpower Semiconductor inc LP4056AB5F Datasheet HTML 5Page - Lowpower Semiconductor inc LP4056AB5F Datasheet HTML 6Page - Lowpower Semiconductor inc LP4056AB5F Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LP4056-02
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 7
Preliminary Datasheet
LP4056
Thermal Limit
An internal thermal feedback loop reduces the programmed
charge current if the die temperature attempts to rise above a
preset value of approximately 125℃. This feature protects the
LP4056 from excessive temperature and allows the user to
push the limits of the power handling capability of a given
circuit board without risk of damaging the LP4056. The charge
current can be set according to typical (not worst-case)
ambient temperature with the assurance that the charger will
automatically reduce the current in worst-case conditions.
Under voltage Lockout (UVLO)
An internal under voltage lockout circuit monitors the input
voltage and keeps the charger in shutdown mode until VIN
rises above the under voltage lockout threshold .The UVLO
circuit has a built-in hysteresis of 200mV. Furthermore, to
protect against reverse current in the power MOSFET, the
UVLO circuit keeps the charger in shutdown mode if VIN falls
to within 150mV of the battery voltage. If the UVLO
comparator is tripped, the charger will not come out of
shutdown mode until VIN raises 150mV above the battery
voltage.
Automatic Recharge
The LP28056S constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.05V recharge
threshold (VRECHRG), another charge cycle begins and
current is once again supplied to the battery. To manually
restart a charge cycle when in standby mode, the input
voltage must be removed and reapplied.
Power Dissipation
The conditions that cause the LP4056 to reduce charge
current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of this
power dissipation is generated by the internal MOSFET—this
is calculated to be approximately:
PD=(VIN-VBAT) × IBAT
Where PD is the power dissipated, VIN is the input supply
voltage, VBAT is the battery voltage and IBAT is the charge
current. The approximate ambient temperature at which the
thermal feedback begins to protect the IC is:
TA=125℃-PDθJA
TA=125℃-(VIN-VBAT)×IBAT×θJA
VIN Bypass Capacitor
Many types of capacitors can be used for input bypassing;
however, caution must be exercised when using multilayer
ceramic capacitors. Because of the self-resonant and high Q
characteristics of some types of ceramic capacitors, high
voltage transients can be generated under some start-up
conditions, such as connecting the charger input to a live
power source. Adding a 1.5Ω resistor in series with an X5R
ceramic capacitor will minimize start-up voltage transients.
Layout Considerations
For the main current paths as indicated in bold lines,
keep their traces short and wide.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
Connect all analog grounds to a command node and
then connect the command node to the power ground
behind the output capacitors.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com