Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431AC Datasheet (PDF) - STMicroelectronics

TL431AC Datasheet PDF - STMicroelectronics
Part # TL431AC
Download  TL431AC Download
File Size   777.38 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive adjustable voltage reference

TL431AC Datasheet (PDF)

Go To PDF Page Download Datasheet
TL431AC Datasheet PDF - STMicroelectronics

Part # TL431AC
Download  TL431AC Click to download

File Size   777.38 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive adjustable voltage reference

TL431AC Datasheet (HTML) - STMicroelectronics


TL431AC Product details

Features
• AEC-Q100 qualified
• Adjustable output voltage: 2.5 to
36 V
• Sink current capability: 1 to 100 mA
• Typical output impedance: 0.22 Ω
• 0.5% voltage precision only on the TL431B
version
• 1% and 2% voltage precision
• Automotive temp. range -40 °C to +125 °C

Applications
• Power supply
• Industrial
• Automotive

Description
The TL431 and TL432 are adjustable shunt
voltage references with guaranteed temperature
stability over the entire operating temperature
range. The device temperature range is extended
for the automotive version from -40 °C up to
+125 °C. The output voltage can be set to any
value between 2.5 and 36 V with two external
resistors. The TL431 and TL432 operate with a
wide current range from 1 to 100 mA with a typical
dynamic impedance of 0.22 Ω.




Similar Part No. - TL431AC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TL431AC PHILIPS-TL431AC Datasheet
189Kb / 16P
Adjustable precision shunt regulators
1997 Feb 25
logo
STMicroelectronics
TL431AC STMICROELECTRONICS-TL431AC Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
TL431AC STMICROELECTRONICS-TL431AC Datasheet
243Kb / 13P
Programmable Voltage Reference
Nov-2005
TL431ACCT STMICROELECTRONICS-TL431ACCT Datasheet
939Kb / 21P
Programmable voltage reference
03-Dec-2012
logo
Motorola, Inc
TL431ACD MOTOROLA-TL431ACD Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
More results


Similar Description - TL431AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431 Datasheet
141Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
22-Sep-2006
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
Dec-2002
logo
Advanced Monolithic Sys...
AMS285 ADMOS-AMS285 Datasheet
78Kb / 8P
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
logo
Catalyst Semiconductor
CAT431L CATALYST-CAT431L Datasheet
146Kb / 11P
Low-Voltage Adjustable Precision Voltage Reference
logo
Analog Intergrations Co...
LM385B AIC-LM385B Datasheet
124Kb / 7P
Adjustable Micropower Voltage Reference
logo
List of Unclassifed Man...
AMC431 ETC2-AMC431 Datasheet
174Kb / 11P
PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431_07 Datasheet
128Kb / 12P
Low voltage adjustable shunt reference
30-Aug-2007
logo
ACE Technology Co., LTD...
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
Precision adjustable shunt voltage reference
VER 1.3
logo
Silicon Supplies
TL431 SS-TL431 Datasheet
289Kb / 4P
Adjustable Voltage Reference
TLV431W SS-TLV431W Datasheet
466Kb / 4P
Adjustable Voltage Reference
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com