Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3113 Datasheet (PDF) - Toshiba Semiconductor

TLP3113 Datasheet PDF - Toshiba Semiconductor
Part # TLP3113
Download  TLP3113 Download
File Size   176.87 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOGIC IC TESTERS / MEMORY TESTERS

TLP3113 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP3113 Datasheet PDF - Toshiba Semiconductor

Part # TLP3113
Download  TLP3113 Click to download

File Size   176.87 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LOGIC IC TESTERS / MEMORY TESTERS

TLP3113 Datasheet (HTML) - Toshiba Semiconductor


TLP3113 Product details

Features
■ 4 pin SOP (2.54SOP4) : 2.1 mm high, 2.54 mm pitch
■ 1-Form-A
■ Peak Off-State Voltage
■ : 40 V (MIN.)
■ Trigger LED Current
■ : 4 mA (MAX.)
■ On-State Current
■ : 80 mA (MAX.)
■ On-State Resistance : 35 Ω (MAX.), 25 Ω (TYP.)
■ Output Capacitance : 1.4 pF (MAX.), 0.6 pF (TYP.)
■ Isolation Voltage : 1500 Vrms (MIN.)




Similar Part No. - TLP3113

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3113 TOSHIBA-TLP3113 Datasheet
156Kb / 6P
MEASUREMENT INSTRUMENTS LOGIC IC TESTERS MEMORY TESTERS BOARD TESTERS SCANNERS
More results


Similar Description - TLP3113

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3114 TOSHIBA-TLP3114 Datasheet
73Kb / 4P
Logic IC Testers/memory Testers Board Testers/Scanners
07-Jun-2001
TLP3114 TOSHIBA-TLP3114_07 Datasheet
176Kb / 6P
LOGIC IC TESTERS / MEMORY TESTERS
01-Oct-2007
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3215 TOSHIBA-TLP3215 Datasheet
248Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3216 TOSHIBA-TLP3216 Datasheet
249Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
TLP3230 TOSHIBA-TLP3230_07 Datasheet
249Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
01-Oct-2007
TLP3231 TOSHIBA-TLP3231 Datasheet
247Kb / 7P
LOGIC IC TESTERS / MEMORY TESTERS
01-Oct-2007
TLP3240 TOSHIBA-TLP3240 Datasheet
266Kb / 7P
Logic IC Testers / Memory Testers
01-Oct-2007
TLP3241 TOSHIBA-TLP3241 Datasheet
266Kb / 7P
Logic IC Testers / Memory Testers
01-Oct-2007
TLP3250 TOSHIBA-TLP3250 Datasheet
266Kb / 7P
Logic IC Testers / Memory Testers
01-Oct-2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com