Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9990 Datasheet (PDF) - Analog Devices

AD9990 Datasheet PDF - Analog Devices
Part # AD9990
Download  AD9990 Download
File Size   74.34 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing

AD9990 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9990 Datasheet PDF - Analog Devices

Part # AD9990
Download  AD9990 Click to download

File Size   74.34 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing

AD9990 Datasheet (HTML) - Analog Devices


AD9990 Product details

GENERAL DESCRIPTION

The AD9990 is a highly integrated CCD signal processor for digital still camera applications. It includes a complete analog front end with analog-to-digital conversion and a full-function, programmable timing generator for a 2-channel output CCD. Each channel is specified up to 32 MHz. The timing generator is capable of supporting up to 24 vertical clock signals to control advanced CCDs. A Precision Timing® core allows adjustment of high speed clocks with ~488 ps resolution at 32 MHz operation. The AD9990 also contains eight general-purpose outputs that can be used for shutter and system functions.

Each analog front end includes black level clamping, a CDS, a VGA, and a 14-bit ADC. The timing generator provides all the necessary CCD clocks: RG, H-clocks, V-clocks, sensor gate pulses, substrate clock, and substrate bias control.

The AD9990 is specified over an operating temperature range of −25°C to +85°C.



FEATURES

  1.8 V AFETG core

  Internal LDO regulators

  24 programmable vertical clock signals

  Correlated double sampler (CDS) with −3 dB, 0 dB, +3 dB, and +6 dB gain

  6 dB to 42 dB, 10-bit variable gain amplifier (VGA)

  14-bit, 32 MHz analog-to-digital converter (ADC)

  Black level clamp with variable level control

  Complete on-chip timing generator

  Precision Timing core with ~488 ps resolution

  On-chip 3 V horizontal and RG drivers

  General-purpose outputs (GPOs) for shutter and system support

  On-chip driver for external crystal

  On-chip sync generator with external sync input

  112-ball CSP_BGA package, 8 mm × 8 mm, 0.65 mm pitch



APPLICATIONS

  Digital still cameras



 




Similar Part No. - AD9990

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9990 AD-AD9990_15 Datasheet
62Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor and Precision Timing Core
Rev. SpB
More results


Similar Description - AD9990

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9942 AD-AD9942 Datasheet
653Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
8/06-Rev. 0 to Rev. A
AD9974 AD-AD9974 Datasheet
73Kb / 2P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing??Core
AD9973 AD-AD9973 Datasheet
68Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing??Core
Rev. SpA
AD9928 AD-AD9928 Datasheet
74Kb / 2P
Dual Channel 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpD
AD9928BBCZ AD-AD9928BBCZ Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpH
AD9974BBCZ AD-AD9974BBCZ Datasheet
902Kb / 52P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
REV. A
AD9972BBCZ AD-AD9972BBCZ Datasheet
71Kb / 2P
Dual-Channel, 14-Bit, CCD Signal Processor with Precision Timing Core
Rev. SpA
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
AD9942 AD-AD9942_15 Datasheet
654Kb / 36P
Dual-Channel, 14-Bit CCD Signal Processor with Precision Timing Core
REV. A
AD9990 AD-AD9990_15 Datasheet
62Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor and Precision Timing Core
Rev. SpB
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com