Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9928 Datasheet (PDF) - Analog Devices

AD9928 Datasheet PDF - Analog Devices
Part # AD9928
Download  AD9928 Download
File Size   74.27 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator

AD9928 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9928 Datasheet PDF - Analog Devices

Part # AD9928
Download  AD9928 Click to download

File Size   74.27 Kbytes
Page   2 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator

AD9928 Datasheet (HTML) - Analog Devices


AD9928 Product details

GENERAL DESCRIPTION
The AD9928 is a highly integrated CCD signal processor for digital still-image camera applications. It includes a dual analog front end with analog-to-digital conversion, combined with a fullfunction, programmable timing generator and an 18-channel vertical driver (V-driver) for a 2-channel output CCD. The timing generator is capable of supporting up to 24 vertical clock signals internally, and the on-chip V-driver supports up to 18 high voltage outputs. A Precision Timing® core allows adjustment of high speed clocks with approximately 390 ps resolution at 40 MHz operation. The AD9928 also contains seven general-purpose outputs, which can be used for shutter and system functions.

FEATURES
   60 MHz grade available (AD9928BBCZ-60)
   Registers similar to AD9920A and AD9990
   Timing generator with 18-channel V-driver
   Serial data output with reduced range LVDS interface
   1.8 V dual AFE core
   Internal LDO regulators for compatibility with 3 V systems
   Correlated double sampler (CDS) with −3 dB, 0 dB, +3 dB,
      and +6 dB gain
   6 dB to 42 dB, 10-bit variable gain amplifier (VGA)
   14-bit, 40 MHz analog-to-digital converter (ADC)
   Black level clamp with variable level control
   Precision Timing core with ~390 ps resolution at 40 MHz
   On-chip 3 V horizontal and RG drivers
   General-purpose outputs (GPOs) for shutter support
   On-chip driver for external crystal
   128-ball CSP_BGA package, 9 mm × 9 mm, 0.65 mm pitch

APPLICATIONS
   High speed digital imaging
   Surveillance cameras
   Industrial cameras




Similar Part No. - AD9928

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9928 AD-AD9928 Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal ocessor with V-Driver and Precision Timing Generator
Rev. SpH
AD9928BBCZ AD-AD9928BBCZ Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpH
AD9928BBCZRL AD-AD9928BBCZRL Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal ocessor with V-Driver and Precision Timing Generator
Rev. SpH
More results


Similar Description - AD9928

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9923A AD-AD9923A Datasheet
1Mb / 88P
CCD Signal Processor with V-Driver and Precision Timing??Generator
10/06-Revision 0
AD9970 AD-AD9970 Datasheet
66Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
AD9990 AD-AD9990 Datasheet
74Kb / 2P
Dual Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing
AD9970 AD-AD9970_09 Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing??Generator
Rev. SpB
AD9920ABBCZ AD-AD9920ABBCZ Datasheet
1Mb / 112P
12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. B
AD9928BBCZ AD-AD9928BBCZ Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
Rev. SpH
AD9970BCPZ AD-AD9970BCPZ Datasheet
75Kb / 2P
14-Bit CCD Signal Processor with Precision Timing Generator
Rev. SpB
AD9928BBCZRL AD-AD9928BBCZRL Datasheet
83Kb / 2P
Dual-Channel, 14-Bit CCD Signal ocessor with V-Driver and Precision Timing Generator
Rev. SpH
AD9923A AD-AD9923A_15 Datasheet
1Mb / 84P
CCD Signal Processor with V-Driver and Precision Timing Generator
REV. A
AD9927 AD-AD9927_15 Datasheet
843Kb / 100P
14-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com