Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet (PDF) - ams AG

AS3977 Datasheet PDF - ams AG
Part # AS3977
Download  AS3977 Download
File Size   167.11 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Multi-Channel Narrowband FSK Transmitter

AS3977 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3977 Datasheet PDF - ams AG

Part # AS3977
Download  AS3977 Click to download

File Size   167.11 Kbytes
Page   2 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Multi-Channel Narrowband FSK Transmitter

AS3977 Datasheet (HTML) - ams AG


AS3977 Product details

General Description

The AS3977 is a low-power fully integrated ETSI, FCC and ARIB compliant FSK transmitter capable of operating at any ISM frequency in the range of 300 to 928 MHz. It is based on a sigma-delta controlled fractional-N synthesiser phase locked loop with fully integrated voltage controlled oscillator. The power amplifier output is programmable and can deliver output power ranging from –20dBm up to +10dBm. An on-chip low drop-out regulator is available in case an accurate output power independent of voltage supply variation is required



Main Characteristics

- 2.0 – 3.6V power supply

- Power down current consumption 100 nA (3V, 25oC)

- Output power up to +10dBm

- Occupied bandwidth 8.5 kHz (4.8 kb/s, FFSK, ARIB)

- Operating temperature range -40oC to +85oC



Additional Features

- Sigma-Delta controlled fractional-N synthesiser

- Resolution of synthesiser <100Hz

- Fully integrated PLL

- Fully integrated voltage controlled oscillator

- 4kV ESD protection (1.5kV for analogue pins)

- Automatic antenna tuning

- 12 – 20 MHz crystal oscillator

- On-chip temperature sensor with digital readout for AFC purposes

- Integrated Manchester coder

- Digital lock detector

- Low drop-out regulator

- Bi-directional serial interface




Similar Part No. - AS3977

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3977 AMSCO-AS3977 Datasheet
1Mb / 47P
Multi-Channel Narrowband FSK Transmitter
AS3977 AMSCO-AS3977_V01 Datasheet
1Mb / 47P
Multi-Channel Narrowband FSK Transmitter
More results


Similar Description - AS3977

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72011 MELEXIS-TH72011 Datasheet
529Kb / 20P
433MHz FSK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
524Kb / 20P
315MHz FSK Transmitter
TH72011 MELEXIS-TH72011_12 Datasheet
692Kb / 20P
FSK Transmitter
TH72001 MELEXIS-TH72001_12 Datasheet
696Kb / 20P
FSK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
FSK/ASK Transmitter
TH72031 MELEXIS-TH72031_12 Datasheet
690Kb / 20P
FSK Transmitter
TH72016 MELEXIS-TH72016_12 Datasheet
375Kb / 15P
FSK/ASK Transmitter
TH72001 MELEXIS-TH72001_17 Datasheet
1Mb / 23P
315MHz FSK Transmitter
TH72011 MELEXIS-TH72011_17 Datasheet
1Mb / 21P
433MHz FSK Transmitter
logo
ams AG
AS3977 AMSCO-AS3977_V01 Datasheet
1Mb / 47P
Multi-Channel Narrowband FSK Transmitter
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com