Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 2 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 2 Page - ams AG

  AS3977 Datasheet HTML 1Page - ams AG AS3977 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief AS3977
Revision No. 1.3, Date: 02-2007
Page 2 of 2
Copyright © 2007 austriamicrosystems. Trademarks registered ®. All rights reserved. The material herein may not be reproduced, adapted,
merged, translated, stored, or used without the prior written consent of the copyright owner. To the best of its knowledge,
austriamicrosystems asserts that the information contained in this publication is accurate and correct.
Block Diagram AS3977
Package, Pin-out and Marking
16 pin QFN4x4 16LD
1
PREOUT
16
VREGRF
2
PAOUT
15
VCCPA
3
nc
14
nc
4
VCCPLL
13
VSS
5
ENABLE
12
MCCLK
6
CLK
11
DATAIO
7
XTALIN
10
VDD
8
XTALOUT
9
VREGDIG
ep
GND
AYWWXZ = Date Code and Plant ID
#1
2
3
49
10
11
12
5678
16
15
14
13
AYWWXZ
AS3977
optional



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com