Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3977 Datasheet(PDF) 1 Page - ams AG

Part # AS3977
Description  Multi-Channel Narrowband FSK Transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3977 Datasheet(HTML) 1 Page - ams AG

  AS3977 Datasheet HTML 1Page - ams AG AS3977 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief AS3977
Revision No. 1.3, Date: 02-2007
Page 1 of 2
Copyright © 2007 austriamicrosystems. Trademarks registered ®. All rights reserved. The material herein may not be reproduced, adapted,
merged, translated, stored, or used without the prior written consent of the copyright owner. To the best of its knowledge,
austriamicrosystems asserts that the information contained in this publication is accurate and correct.
1. General Description
The AS3977 is a low-power fully integrated ETSI, FCC
and ARIB compliant FSK transmitter capable of operating
at any ISM frequency in the range of 300 to 928 MHz. It is
based on a sigma-delta controlled fractional-N synthesiser
phase locked loop with fully integrated voltage controlled
oscillator. The power amplifier output is programmable
and can deliver output power ranging from –20dBm up to
+10dBm. An on-chip low drop-out regulator is available in
case an accurate output power independent of voltage
supply variation is required.
The output signal can be shaped using a programmable
Gaussian filter to minimise the occupied bandwidth and
adjacent channel power. The maximum data rate can be
up to 100 kb/s – depending on the required filtering.
The FSK frequency deviation is programmable up to a
maximum of 64kHz.
The crystal oscillator can handle a wide range of
frequencies. For narrow-band applications a temperature
sensor with digital read-out is included that allows
compensation of the crystal frequency drift due to
temperature variation.
The AS3977 is connected to an external microcontroller
via a bi-directional digital interface. The device operates
at very low current consumption with a power supply
range from 2.0V to 3.6V and can be powered down when
not in use.
The device is fabricated in austriamicroystems advanced
0.35um SiGe-BiCMOS technology.
2. Key Features
-
Compliant to ETSI EN 300-220, FCC CFR 47 part 15
and ARIB STD-T67
-
Multi-channel with narrow bandwidth
-
300 – 928 MHz operating frequency range (ISM)
-
Filtered FSK
-
Data rate up to 100 kb/s
-
FSK deviation programmable up to 64kHz
-
Extremely low power consumption
3. Main Characteristics
-
2.0 – 3.6V power supply
-
Power down current consumption 100 nA (3V, 25oC)
-
Output power up to +10dBm
-
Occupied bandwidth 8.5 kHz (4.8 kb/s, FFSK, ARIB)
-
Operating temperature range -40oC to +85oC
4. Additional Features
-
Sigma-Delta controlled fractional-N synthesiser
-
Resolution of synthesiser <100Hz
-
Fully integrated PLL
-
Fully integrated voltage controlled oscillator
-
4kV ESD protection (1.5kV for analogue pins)
-
Automatic antenna tuning
-
12 – 20 MHz crystal oscillator
-
On-chip temperature sensor with digital readout for AFC
purposes
-
Integrated Manchester coder
-
Digital lock detector
-
Low drop-out regulator
-
Bi-directional serial interface
5. Applications
-
Remote keyless entry systems
-
Short range radio data transmission
-
Domestic and consumer remote control units
-
Cordless alarm systems
-
Remote metering
-
Low power telemetry
Multi-Channel Narrowband FSK Transmitter
AS3977
PRODUCT BRIEF
PRODUCT BRIEF
PRELIMINARY INFORMATION: SUBJECT TO CHANGE WITHOUT ANY NOTICE


Similar Part No. - AS3977

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3977 AMSCO-AS3977 Datasheet
1Mb / 47P
Multi-Channel Narrowband FSK Transmitter
AS3977 AMSCO-AS3977_V01 Datasheet
1Mb / 47P
Multi-Channel Narrowband FSK Transmitter
More results

Similar Description - AS3977

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72011 MELEXIS-TH72011 Datasheet
529Kb / 20P
433MHz FSK Transmitter
TH72001 MELEXIS-TH72001 Datasheet
524Kb / 20P
315MHz FSK Transmitter
TH72011 MELEXIS-TH72011_12 Datasheet
692Kb / 20P
FSK Transmitter
TH72001 MELEXIS-TH72001_12 Datasheet
696Kb / 20P
FSK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
FSK/ASK Transmitter
TH72031 MELEXIS-TH72031_12 Datasheet
690Kb / 20P
FSK Transmitter
TH72016 MELEXIS-TH72016_12 Datasheet
375Kb / 15P
FSK/ASK Transmitter
TH72001 MELEXIS-TH72001_17 Datasheet
1Mb / 23P
315MHz FSK Transmitter
TH72011 MELEXIS-TH72011_17 Datasheet
1Mb / 21P
433MHz FSK Transmitter
logo
ams AG
AS3977 AMSCO-AS3977_V01 Datasheet
1Mb / 47P
Multi-Channel Narrowband FSK Transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com