Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC-HCT85 Datasheet (PDF) - SYC Electronica

74HC-HCT85 Datasheet PDF - SYC Electronica
Part # 74HC-HCT85
Download  74HC-HCT85 Download
File Size   97.87 Kbytes
Page   9 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 4-bit magnitude comparator

74HC-HCT85 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC-HCT85 Datasheet PDF - SYC Electronica

Part # 74HC-HCT85
Download  74HC-HCT85 Click to download

File Size   97.87 Kbytes
Page   9 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 4-bit magnitude comparator

74HC-HCT85 Datasheet (HTML) - SYC Electronica


74HC-HCT85 Product details

FEATURES
· Serial or parallel expansion without extra gating
· Magnitude comparison of any binary words
· Output capability: standard
· ICC category: MSI

GENERAL DESCRIPTION
The 74HC/HCT85 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT85 are 4-bit magnitude comparators that
can be expanded to almost any length. They perform
comparison of two 4-bit binary, BCD or other monotonic
codes and present the three possible magnitude results at
the outputs (QA>B, QA=B and QAweighted (A0 to A3 and B0 to B3), where A3 and B3 are the
most significant bits.
The operation of the “85” is described in the function table,
showing all possible logic conditions. The upper part of the
table describes the normal operation under all conditions
that will occur in a single device or in a series expansion
scheme. In the upper part of the table the three outputs are
mutually exclusive. In the lower part of the table, the
outputs reflect the feed forward conditions that exist in the
parallel expansion scheme.
For proper compare operation the expander inputs (IA>B,
IA=B and IAconnected as follows: IAB = = LOW and
IA=B = HIGH.
For words greater than 4-bits, units can be cascaded by
connecting outputs QAB and QA=B to the
corresponding inputs of the significant comparator.




Similar Part No. - 74HC-HCT85

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
74HC-HCT00 SYC-74HC-HCT00 Datasheet
182Kb / 15P
Quad 2-input NAND gate
January 2010
74HC-HCT02 SYC-74HC-HCT02 Datasheet
121Kb / 15P
Quad 2-input NOR gate
18 September 2008
74HC-HCT04 SYC-74HC-HCT04 Datasheet
146Kb / 20P
Hex inverter
74HC-HCT08 SYC-74HC-HCT08 Datasheet
145Kb / 20P
Quad 2-input AND gate
2003 Jul 25
74HC-HCT10 SYC-74HC-HCT10 Datasheet
66Kb / 5P
Triple 3-input NAND gate
December 1990
More results


Similar Description - 74HC-HCT85

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
4-Bit Magnitude Comparator
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
4-BIT MAGNITUDE COMPARATOR
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
4-BIT MAGNITUDE COMPARATOR
Jun-1989
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
4-BIT MAGNITUDE COMPARATOR
Jul-2001
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
4-Bit Magnitude Comparator
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
4-BIT MAGNITUDE COMPARATOR
Sep-2001
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
4-bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
4-bit magnitude comparator
December 1990
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com