Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDP142-Q1 Datasheet (PDF) - Texas Instruments

TDP142-Q1 Datasheet PDF - Texas Instruments
Part # TDP142-Q1
Download  TDP142-Q1 Download
File Size   2346.26 Kbytes
Page   37 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver

TDP142-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDP142-Q1 Datasheet PDF - Texas Instruments

Part # TDP142-Q1
Download  TDP142-Q1 Click to download

File Size   2346.26 Kbytes
Page   37 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver

TDP142-Q1 Datasheet (HTML) - Texas Instruments


TDP142-Q1 Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature: –40°C to 105°C, TA
• DisplayPort™ 1.4 up to 8.1Gbps (HBR3)
• Ultra-low-power architecture
• Linear redriver with up to 12dB at 4.05GHz
equalization
• Transparent to DisplayPort™ link training
• Configuration through GPIO or I2C
• Hot-plug capable
• Support DisplayPort™ dual-mode standard version
1.1 (AC-coupled HDMI®)
• Available in a 7mm × 5mm, 0.5mm pitch VQFN
package

2 Applications
• Rear seat entertainment
• Automotive head unit
• Automotive infotainment and cluster
• Active cables

3 Description
The TDP142-Q1 is a DisplayPort™ (DP) linear
redriver that is able to snoop AUX and HPD signals.
The device complies with the VESA® DisplayPort™
standard Version 1.4, and supports a 1-lane to
4-lane Main Link interface signaling up to HBR3
(8.1Gbps per lane). Additionally, this device is position
independent. The TDP142-Q1 can be placed inside
source, cable or sink effectively providing a negative
loss component to the overall link budget.
The TDP142-Q1 provides several levels of receive
linear equalization to compensate for cable and board
trace loss due to inter symbol interference (ISI). The
TDP142-Q1 operates on a single 3.3V supply and
comes in an Automotive Grade 2 temperature range.




Similar Part No. - TDP142-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDP142-Q1 TI-TDP142-Q1 Datasheet
2Mb / 39P
TDP142-Q1 DisplayPort™ 8.1Gbps Linear Redriver
NOVEMBER 2024
TDP142-Q1 TI2-TDP142-Q1 Datasheet
976Kb / 36P
TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
REVISED MAY 2019
TDP142-Q1 TI2-TDP142-Q1 Datasheet
976Kb / 36P
TDP142 DisplayPortTM 8.1 Gbps Linear Redriver
REVISED MAY 2019
More results


Similar Description - TDP142-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Texas Instruments
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
Diodes Incorporated
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com