Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4607A Datasheet (PDF) - Microchip Technology

MIC4607A Datasheet PDF - Microchip Technology
Part # MIC4607A
Download  MIC4607A Download
File Size   4749.56 Kbytes
Page   41 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection

MIC4607A Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4607A Datasheet PDF - Microchip Technology

Part # MIC4607A
Download  MIC4607A Click to download

File Size   4749.56 Kbytes
Page   41 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection

MIC4607A Datasheet (HTML) - Microchip Technology


MIC4607A Product details

Features
• Gate Drive Supply Voltage up to 16V
• Enhanced Overcurrent Protection with Add Blanking
Time
• Drives High-Side and Low-Side N-Channel
MOSFETs with Independent Inputs or with a
Single PWM Signal
• TTL Input Thresholds
• On-Chip Bootstrap Diodes
• Fast 35 ns Propagation Times
• Shoot-Through Protection
• Drives 1000 pF Load with 20 ns Rise and Fall
Times
• Low Power Consumption
• Supply Undervoltage Protection
• -40°C to +125°C Junction Temperature Range
• Qualified According to AEC-Q100 and AEC-Q006

Applications
• Three-Phase and BLDC Motor Drives
• Three-Phase Inverters
• Automotive BLDC Motor Applications

General Description
The MIC4607A is an 85V, three-phase MOSFET driver.
The MIC4607A features a fast (35 ns) propagation
delay time and a 20 ns driver rise/fall time for a 1 nF
capacitive load. TTL inputs can be separate high- and
low-side signals or a single PWM input with high and
low drive generated internally. High- and low-side outputs
are guaranteed to not overlap in either mode.
The MIC4607A includes overcurrent protection with
blanking time insertion as well as a high-voltage internal
diode that charges the high-side gate drive bootstrap
capacitor.
The high-speed and low-power level shifter provides
clean level transitions to the high-side output. The
robust operation of the MIC4607A ensures that the
outputs are not affected by supply glitches, HS ringing
below ground, or HS slewing with high-speed voltage
transitions. Undervoltage protection is provided on both
the low-side and high-side drivers.
The MIC4607A is available in a 28-pin
4 mm x 5 mm VQFN package with wettable flanks in
Moisture Sensitivity Level 1. The operating junction
temperature range is between -40°C and +125°C.




Similar Part No. - MIC4607A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC4607 MICROCHIP-MIC4607 Datasheet
1Mb / 42P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
MIC4607-1YML-T5 MICROCHIP-MIC4607-1YML-T5 Datasheet
1Mb / 42P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
MIC4607-1YML-TR MICROCHIP-MIC4607-1YML-TR Datasheet
1Mb / 42P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
MIC4607-1YTS MICROCHIP-MIC4607-1YTS Datasheet
1Mb / 42P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
MIC4607-1YTS-T5 MICROCHIP-MIC4607-1YTS-T5 Datasheet
1Mb / 42P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
More results


Similar Description - MIC4607A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS20124S IRF-IRS20124S Datasheet
218Kb / 24P
DIGITAL AUDIO DRIVER WITH DISCRETE DEAD-TIME AND PROTECTION
logo
Micrel Semiconductor
MIC4102 MICREL-MIC4102 Datasheet
645Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection
logo
Infineon Technologies A...
TLE6281G INFINEON-TLE6281G_07 Datasheet
300Kb / 15P
H-Bridge Driver IC Adjustable dead time with shoot through protection
Rev 2.3 2007-01-11
TLE6284G INFINEON-TLE6284G_07 Datasheet
256Kb / 16P
H-Bridge Driver IC Deactivation of dead time and shoot through protection possible
Rev 2.3 2007-01-11
logo
MIC GROUP RECTIFIERS
MIC4102 MIC-MIC4102_11 Datasheet
646Kb / 17P
100V Half Bridge MOSFET Driver with Anti-Shoot Through Protection PRELIMINARY SPECIFICATIONS
logo
Microchip Technology
MIC4607 MICROCHIP-MIC4607 Datasheet
1Mb / 42P
85V, Three-Phase MOSFET Driver with Adaptive Dead-Time, Anti-Shoot-Through and Overcurrent Protection
06/23/16
MIC4102 MICROCHIP-MIC4102 Datasheet
703Kb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
07/14/15
MIC4102 MICROCHIP-MIC4102_V01 Datasheet
2Mb / 28P
100V Half-Bridge MOSFET Driver with Anti-Shoot-Through Protection
Revision B (May 2022)
MIC4605 MICROCHIP-MIC4605 Datasheet
1Mb / 34P
85V Half-Bridge MOSFET Driver with Adaptive Dead Time and Shoot-Through Protection
Revision E December 2019
MIC4606 MICROCHIP-MIC4606 Datasheet
2Mb / 40P
85V Full-Bridge MOSFET Drivers with Adaptive Dead Time and Shoot-Through Protection
Revision D December 2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com