Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS5A3167DBVR-TP Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TS5A3167DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TS5A3167DBVR-TP
Download  TS5A3167DBVR-TP Download
File Size   2592.95 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE-CHANNEL 2Q SPST Analog Switches

TS5A3167DBVR-TP Datasheet (PDF)

Go To PDF Page Download Datasheet
TS5A3167DBVR-TP Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TS5A3167DBVR-TP
Download  TS5A3167DBVR-TP Click to download

File Size   2592.95 Kbytes
Page   5 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description SINGLE-CHANNEL 2Q SPST Analog Switches

TS5A3167DBVR-TP Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TS5A3167DBVR-TP Product details

Features |
» Low On-resistance, Ron=20Q
« 1.8V Logic Compatible Control Pin |
« Overrides VCC to Achieve True Isolation
Even When Supply Is Dead
» High Offisolation: -100dB @ 100KHz ~~
o Low Channel-to-Channel Crosstalk:
-97dB @ 100KHz
» High Bandwidth (-3dB @400MHz) Suitable
For USB2.0 High-Speed Routing
« Low Quiescent Current (<2uA) With Very
Wide Supply Range (1.5V ~ 5.5V)




Similar Part No. - TS5A3167DBVR-TP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3167DBVR TI-TS5A3167DBVR Datasheet
270Kb / 20P
0.9 OHM SPST ANALOG SWITCH
TS5A3167DBVR TI-TS5A3167DBVR Datasheet
565Kb / 23P
0.9-R SPST ANLOG SWITCH
TS5A3167DBVRE4 TI-TS5A3167DBVRE4 Datasheet
565Kb / 23P
0.9-R SPST ANLOG SWITCH
TS5A3167DBVRG4 TI-TS5A3167DBVRG4 Datasheet
565Kb / 23P
0.9-R SPST ANLOG SWITCH
More results


Similar Description - TS5A3167DBVR-TP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG211 INTERSIL-DG211 Datasheet
100Kb / 7P
SPST 4-Channel Analog Switches
June 1999
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323 Datasheet
105Kb / 12P
Precision, Single-Supply, SPST Analog Switches
19-0347; Rev 1; 10/97
MAX4675 MAXIM-MAX4675 Datasheet
195Kb / 8P
3??Single SPST Analog Switches
Rev 0; 7/00
logo
Pericom Semiconductor C...
PS323 PERICOM-PS323 Datasheet
336Kb / 10P
Precision, Single-Supply SPST Analog Switches
PS301 PERICOM-PS301 Datasheet
265Kb / 7P
Precision, Single-Supply SPST Analog Switches
logo
BOWEI Integrated Circui...
HE017 BOWEI-HE017 Datasheet
103Kb / 1P
GaAs SPST Analog Switches
logo
Texas Instruments
TS12A4514 TI1-TS12A4514_14 Datasheet
717Kb / 19P
SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514_15 Datasheet
683Kb / 18P
SPST CMOS ANALOG SWITCHES
logo
Renesas Technology Corp
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
Low-Voltage, Single Supply, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX323 MAXIM-MAX323_V01 Datasheet
1Mb / 13P
Precision, Single-Supply, SPST Analog Switches
2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com