Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1787 Datasheet (PDF) - Analog Devices

LT1787 Datasheet PDF - Analog Devices
Part # LT1787
Download  LT1787 Download
File Size   347.27 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Temperature High Side Current Sense Amp in SOT-23

LT1787 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT1787 Datasheet PDF - Analog Devices

Part # LT1787
Download  LT1787 Click to download

File Size   347.27 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Temperature High Side Current Sense Amp in SOT-23

LT1787 Datasheet (HTML) - Analog Devices


LT1787 Product details

FEATURES
Fully Tested at –55°C (MP), –40°C (H),
25°Cand150°C
Gain Configurable with Two Resistors
Low Offset Voltage: 250μV Maximum
Output Current: 1mA Maximum
Supply Range: 2.7V to 36V, 44V Absolute Maximum
Low Input Bias Current: 40nA Maximum
PSRR: 106dB Minimum
Low Supply Current: 65μA Typical, V+ = 12V
Low Profile (1mm) ThinSOTTM Package

APPLICATIONS
Current Shunt Measurement
Battery Monitoring
Power Management
Motor Control
Lamp Monitoring
Overcurrent and Fault Detection

DESCRIPTION
The LT®6107 is a versatile high side current sense amplifier
designed for operation over a wide temperature range.
Design flexibility is provided by the excellent device characteristics:
250μV maximum offset and 40nA maximum
input bias current. Gain for each device is set by two
resistors and allows for accuracy better than 1%.
The LT6107 monitors current via the voltage across an
external sense resistor (shunt resistor). Internal circuitry
converts input voltage to output current, allowing for a
small sense signal on a high common mode voltage to
be translated into a ground referenced signal. The low DC
offset allows for monitoring very small sense voltages. As
a result, a small valued shunt resistor can be used, which
minimizes the power loss in the shunt.
The wide 2.7V to 44V input voltage range, high accuracy
and wide operating temperature range make the LT6107
ideal for automotive, industrial and power management
applications. The very low power supply current of the
LT6107 also makes it suitable for low power and battery
operated applications. For applications not requiring the
wide temperature range, see the LT6106.




Similar Part No. - LT1787

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787 Datasheet
244Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
LT1787 LINER-LT1787 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787 Datasheet
940Kb / 24P
High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT1787 LINER-LT1787 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
More results


Similar Description - LT1787

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6101 LINER-LTC6101 Datasheet
330Kb / 20P
High Voltage, High-Side Current Sense Amplifier in SOT-23
LT6106 LINER-LT6106 Datasheet
244Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
LT6107 LINER-LT6107 Datasheet
284Kb / 12P
High Temperature High Side Current Sense Amp in SOT-23
logo
Linear Dimensions Semic...
LTC6101ACMS8TRPBF LINEAR_DIMENSIONS-LTC6101ACMS8TRPBF Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Technology
LT6106 LINER-LT6106_15 Datasheet
250Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
LT6107 LINER-LT6107_15 Datasheet
289Kb / 12P
High Temperature High Side Current Sense Amp in SOT-23
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6101HV LINER-LTC6101HV_15 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
STMicroelectronics
CS30 STMICROELECTRONICS-CS30 Datasheet
689Kb / 18P
High side current sense high voltage op amp
06-Mar-2014
CS70 STMICROELECTRONICS-CS70 Datasheet
772Kb / 24P
High side current sense high voltage op amp
06-Mar-2014
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com