Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4001 Datasheet (PDF) - SYC Electronica

CD4001 Datasheet PDF - SYC Electronica
Part # CD4001
Download  CD4001 Download
File Size   141.62 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad 2-Input NOR Buffered B Series Gate •

CD4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4001 Datasheet PDF - SYC Electronica

Part # CD4001
Download  CD4001 Click to download

File Size   141.62 Kbytes
Page   8 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description Quad 2-Input NOR Buffered B Series Gate •

CD4001 Datasheet (HTML) - SYC Electronica


CD4001 Product details

Features
n Low power TTL:
Fan out of 2 driving 74L compatibility: or 1 driving 74LS
n 5V–10V–15V parametric ratings
n Symmetrical output characteristics
n Maximum input leakage 1 mA at 15V over full
temperature range

General Description
The CD4001BC and CD4011BC quad gates are monolithic
complementary MOS (CMOS) integrated circuits constructed
with N- and P-channel enhancement mode transistors.
They have equal source and sink current
capabilities and conform to standard B series output drive.
The devices also have buffered outputs which improve
transfer characteristics by providing very high gain.
All inputs are protected against static discharge with diodes
to VDD and VSS.




Similar Part No. - CD4001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4001 NSC-CD4001 Datasheet
167Kb / 6P
Quad 2-Input NOR,NAND Buffered B Series Gate
logo
Texas Instruments
CD4001 TI-CD4001 Datasheet
206Kb / 5P
CMOS NOR Gates
logo
Fairchild Semiconductor
CD4001 FAIRCHILD-CD4001 Datasheet
118Kb / 9P
Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
logo
Intersil Corporation
CD4001 INTERSIL-CD4001 Datasheet
143Kb / 9P
CMOS NOR Gate
November 1994
logo
National Semiconductor ...
CD4001 NSC-CD4001 Datasheet
164Kb / 6P
Quad 2-Input NOR(NAND) Buffered B Series Gate
More results


Similar Description - CD4001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4001BM NSC-CD4001BM Datasheet
167Kb / 6P
Quad 2-Input NOR,NAND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4001BC FAIRCHILD-CD4001BC Datasheet
118Kb / 9P
Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
CD4071BC FAIRCHILD-CD4071BC Datasheet
96Kb / 7P
Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
logo
National Semiconductor ...
CD4011BC NSC-CD4011BC Datasheet
164Kb / 6P
Quad 2-Input NOR(NAND) Buffered B Series Gate
logo
Fairchild Semiconductor
CD4071BC FAIRCHILD-CD4071BC_02 Datasheet
101Kb / 7P
Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
logo
Unisonic Technologies
CD4001B UTC-CD4001B Datasheet
186Kb / 5P
QUAD 2-INPUT NOR BUFFERED B SERIES GATE
CD4081B UTC-CD4081B Datasheet
187Kb / 5P
QUAD 2-INPUT AND BUFFERED B SERIES GATE
UCD4071 UTC-UCD4071 Datasheet
152Kb / 5P
QUAD 2-INPUT OR BUFFERED B SERIES GATE
UCD4001B UTC-UCD4001B Datasheet
168Kb / 5P
QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4001B UTC-UCD4001B_15 Datasheet
205Kb / 5P
QUAD 2-INPUT NOR BUFFERED B SERIES GATE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com