Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4001 Datasheet (PDF) - Intersil Corporation

CD4001 Datasheet PDF - Intersil Corporation
Part # CD4001
Download  CD4001 Download
File Size   143.79 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS NOR Gate

CD4001 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4001 Datasheet PDF - Intersil Corporation

Part # CD4001
Download  CD4001 Click to download

File Size   143.79 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS NOR Gate

CD4001 Datasheet (HTML) - Intersil Corporation


CD4001 Product details

Description

CD4000BMS - Dual 3 Plus Inverter

CD4001BMS - Quad 2 Input

CD4002BMS - Dual 4 Input

CD4025BMS - Triple 3 Input

CD4000BMS, CD4001BMS, CD4002BMS, and CD4025BMS NOR gates provide the system designer with direct implementation of the NOR function and supplement the existing family of CMOS gates. All inputs and outputs are buffered.



Features

• High-Voltage Types (20V Rating)

• Propagation Delay Time = 60ns (typ.) at CL = 50pF, VDD = 10V

• Buffered Inputs and Outputs

• Standard Symmetrical Output Characteristics

• 100% Tested for Maximum Quiescent Current at 20V

• 5V, 10V and 15V Parametric Ratings

• Maximum Input Current of 1µA at 18V Over Full Package-Temperature Range; 100nA at 18V and +25oC

• Noise Margin (Over Full Package Temperature Range):

   - 1V at VDD = 5V

   - 2V at VDD = 10V

   - 2.5V at VDD = 15V

• Meets All Requirements of JEDEC Tentative Standards No. 13B, “Standard Specifications for Description of “B” Series CMOS Device’s



 




Similar Part No. - CD4001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4001 NSC-CD4001 Datasheet
167Kb / 6P
Quad 2-Input NOR,NAND Buffered B Series Gate
logo
Texas Instruments
CD4001 TI-CD4001 Datasheet
206Kb / 5P
CMOS NOR Gates
logo
Fairchild Semiconductor
CD4001 FAIRCHILD-CD4001 Datasheet
118Kb / 9P
Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
logo
National Semiconductor ...
CD4001 NSC-CD4001 Datasheet
164Kb / 6P
Quad 2-Input NOR(NAND) Buffered B Series Gate
logo
List of Unclassifed Man...
CD4001 ETC2-CD4001 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results


Similar Description - CD4001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4078B TI-CD4078B Datasheet
187Kb / 4P
CMOS 8-INPUT NOR/OR GATE
logo
Intersil Corporation
CD4078BMS INTERSIL-CD4078BMS Datasheet
67Kb / 8P
CMOS 8 Input NOR/OR Gate
December 1992
logo
Texas Instruments
CD4001UBE TI1-CD4001UBE Datasheet
857Kb / 14P
CMOS Quad 2-Input NOR Gate
CD4078BE TI1-CD4078BE Datasheet
917Kb / 16P
CMOS 8-Input NOR/OR Gate
CD4078B TI-CD4078B_12 Datasheet
917Kb / 16P
CMOS 8-INPUT NOR/OR GATE
CD4001UBM TI-CD4001UBM Datasheet
857Kb / 14P
CMOS Quad 2-Input NOR Gate
CD4078BF TI-CD4078BF Datasheet
927Kb / 16P
CMOS 8-input NOR/OR Gate
CD4001UB TI1-CD4001UB_15 Datasheet
1Mb / 14P
CMOS Quad 2-input NOR Gate
CD4078B TI1-CD4078B_15 Datasheet
924Kb / 16P
CMOS 8-Input NOR/OR Gate
logo
Renesas Technology Corp
CD4000BMS RENESAS-CD4000BMS Datasheet
409Kb / 9P
CMOS NOR Gate
November 1994
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com