Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA16600MOD Datasheet (PDF) - Renesas Technology Corp

DA16600MOD Datasheet PDF - Renesas Technology Corp
Part # DA16600MOD
Download  DA16600MOD Download
File Size   1290.04 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low-Power Wi-Fi Bluetooth® LE Combo Modue

DA16600MOD Datasheet (PDF)

Go To PDF Page Download Datasheet
DA16600MOD Datasheet PDF - Renesas Technology Corp

Part # DA16600MOD
Download  DA16600MOD Click to download

File Size   1290.04 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low-Power Wi-Fi Bluetooth® LE Combo Modue

DA16600MOD Datasheet (HTML) - Renesas Technology Corp


DA16600MOD Product details

Module Features
▪ Module Variants
• DA16600MOD-AAC4WA32 (Chip Antenna)
• DA16600MOD-AAE4WA32 (u.FL Connector)
▪ Dimensions
• 14.3 mm × 24.3 mm × 3.0 mm, 51-pins
▪ Operating temperature range
• -40 °C to 85 °C
▪ Regulatory certifications:
• FCC
• IC
• CE
• TELEC
• KCC
• IMDA
• NCC
• SRRC
• WPC




Similar Part No. - DA16600MOD

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA16600MOD DIALOG-DA16600MOD Datasheet
1Mb / 26P
Ultra-Low Power Wi-Fi Bluetooth짰 LE Combo Module
logo
Renesas Technology Corp
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Dialog Semiconductor
DA16600MOD-AAC4WA32 DIALOG-DA16600MOD-AAC4WA32 Datasheet
1Mb / 26P
Ultra-Low Power Wi-Fi Bluetooth짰 LE Combo Module
logo
Renesas Technology Corp
DA16600MOD-AAC4WA32 RENESAS-DA16600MOD-AAC4WA32 Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
Dialog Semiconductor
DA16600MOD-AAE4WA32 DIALOG-DA16600MOD-AAE4WA32 Datasheet
1Mb / 26P
Ultra-Low Power Wi-Fi Bluetooth짰 LE Combo Module
More results


Similar Description - DA16600MOD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
WL1801MOD TI1-WL1801MOD_16 Datasheet
1Mb / 46P
WL18xxMOD WiLink 8 Single-Band Combo Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
WL1807MOD TI1-WL1807MOD_16 Datasheet
1Mb / 45P
WL18x7MOD WiLink 8 Dual-Band Industrial Module Wi-Fi, Bluetooth, and Bluetooth Low Energy (LE)
logo
Dialog Semiconductor
DA16200 DIALOG-DA16200 Datasheet
3Mb / 94P
Ultra Low Power Wi-Fi SoC
DA16600MOD DIALOG-DA16600MOD Datasheet
1Mb / 26P
Ultra-Low Power Wi-Fi Bluetooth짰 LE Combo Module
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
Infineon Technologies A...
CYW20819 INFINEON-CYW20819 Datasheet
508Kb / 52P
AIROC™ Bluetooth® & Bluetooth® LE system-on-chip Ultra low power, Bluetooth® 5.2
Rev. G 2022-07-13
logo
Renesas Technology Corp
DA16200 RENESAS-DA16200 Datasheet
3Mb / 154P
Ultra Low Power Wi-Fi SoC
04-Jan-2023
DA16200MOD RENESAS-DA16200MOD Datasheet
1Mb / 62P
Ultra Low Power Wi-Fi Module
04-Jan-2023
DA16600MOD RENESAS-DA16600MOD Datasheet
965Kb / 28P
Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
04-Jan-2023
logo
List of Unclassifed Man...
V200Z-R ETC-V200Z-R Datasheet
4Mb / 22P
AIOT Wi-Fi/Bluetooth Combo Module
Version: v1.4
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com