Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA60951CS Datasheet (PDF) - Bourns Electronic Solutions

BA60951CS Datasheet PDF - Bourns Electronic Solutions
Part # BA60951CS
Download  BA60951CS Download
File Size   747.16 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description BA60951CSFlyback Transformer

BA60951CS Datasheet (PDF)

Go To PDF Page Download Datasheet
BA60951CS Datasheet PDF - Bourns Electronic Solutions

Part # BA60951CS
Download  BA60951CS Click to download

File Size   747.16 Kbytes
Page   3 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description BA60951CSFlyback Transformer

BA60951CS Datasheet (HTML) - Bourns Electronic Solutions


BA60951CS Product details

Features
n Isolated flyback transformer
n Designed for isolated power supplies operating at 120 kHz
n Working voltage: 800 V
n Basic insulation
n 2.25 watts of output power
n RoHS compliant*
n AEC-Q200 compliant




Similar Part No. - BA60951CS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA60 L-COM-BA60 Datasheet
129Kb / 1P
ADAPTOR BNC M/UHF F
12/04/2001
logo
Shenzhen Bencent Electr...
BA601N BENCENT-BA601N Datasheet
260Kb / 3P
Low Capacitance and Insertion Loss
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
43Kb / 3P
Silicon Planar Diode
01-Apr-99
BA604 VISHAY-BA604 Datasheet
53Kb / 3P
Small Signal Switching Diode
01-Sep-10
logo
SUNMATE electronic Co.,...
BA604 SUNMATE-BA604 Datasheet
758Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Similar Description - BA60951CS

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
Flyback Transformer
3/08/99
T-1311 RHOMBUS-IND-T-1311 Datasheet
65Kb / 1P
Flyback Transformer
8/12/98
logo
PCA ELECTRONICS INC.
EPA3869 PCA-EPA3869 Datasheet
38Kb / 1P
Flyback Transformer
EPA3920 PCA-EPA3920 Datasheet
37Kb / 1P
Flyback Transformer
EPC3040 PCA-EPC3040 Datasheet
41Kb / 1P
Flyback Transformer
logo
Coilcraft lnc.
B0695-AL COILCRAFT-B0695-AL Datasheet
181Kb / 1P
Flyback Transformer
C1099-AL COILCRAFT-C1099-AL Datasheet
204Kb / 1P
Flyback Transformer
logo
Allied Components Inter...
AEP13-3853 ALLIED-AEP13-3853 Datasheet
411Kb / 1P
Flyback Transformer
AEP13-3873 ALLIED-AEP13-3873 Datasheet
836Kb / 1P
Flyback Transformer
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com