Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA60951CS Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # BA60951CS
Description  BA60951CS – Flyback Transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BA60951CS Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  BA60951CS Datasheet HTML 1Page - Bourns Electronic Solutions BA60951CS Datasheet HTML 2Page - Bourns Electronic Solutions BA60951CS Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BA60951CS – Flyback Transformer
Features
n
Isolated flyback transformer
n
Designed for isolated power supplies operating at 120 kHz
n
Working voltage: 800 V
n
Basic insulation
n
2.25 watts of output power
n
RoHS compliant*
n
AEC-Q200 compliant
Electrical Specifications @ 25 °C
Bourns
Part Number
Primary Inductance
@ 250 kHz / 0.1 V
±10 % (µH)
Leakage Inductance
@ 250 kHz / 0.1 V
(All Sec. Pins
Shorted) max. (µH)
Turns Ratio
DCR (W) max.
Isat (A)
L (1-2)
Lk (1-3)
P(1-2) : A(3-4) P(1-2) : S(8-6)
Pri (1-2)
Aux (3-4)
Sec (8-6)
L (1-2)
BA60951CS
25
0.6
1.27
0.77
0.55
0.55
0.66
1.4
Product Dimensions
Primary Input Voltage..................... 7-24 V
Auxiliary Voltage.................... 9 V, 20 mA
Secondary Voltage ............ 15 V, 150 mA
Primary Rated Current.....................1.4 A
Frequency...................................120 kHz
Hi-Pot Prim/Sec..............2500 Vac / 60 s
Operating Temperature
................................ -40 °C to +155 °C
Max. Ambient Temperature...........125 °C
Storage Temperature
................................ -40 °C to +155 °C
Compliant to ...........................IEC 61558
Creepage/Clearance Distance
of Primary to Secondary..............8 mm
Level of Insulation
... Basic for a working voltage of 800 V
Material Group III Pollution degree 2
Moisture Sensitivity Level......................1
General Specifications
Core.............................................. Ferrite
Wire .... Enameled/triple-insulated copper
Terminal Finish ................................... Sn
Packaging........ 550 pcs. per 13-inch reel
Materials
13.6
(.535)
MAX.
COPLANARITY
8 PINS
TAPE 2TS
PIN 1
10.5
(.413)
MAX.
5.97
(.235)
0.127
(.005)
15.0 ± 0.5
(.591 ± .020)
16.9 ± 0.5
(.665 ± .020)
0.6 ± 0.15
(.024 ± .006)
2.0 ± 0.3
(.079 ± .012)
MAX.
8 PLCS.
Recommended Layout
14.1
(.555)
18
(.709)
1.2
(.047)
2
(.079)
8 PLCS.
Electrical Schematic
PRIMARY
7-24 Vdc, 120 kHz
SECONDARY
15 Vdc, 0.15 A
AUX
9 Vdc, 20 mA
1
6
8
2
3
4
*RoHS Directive 2015/863, Mar 31, 2015 and Annex.
Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are
subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov
AUTOMOTIVE
GRADE


Similar Part No. - BA60951CS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA60 L-COM-BA60 Datasheet
129Kb / 1P
ADAPTOR BNC M/UHF F
12/04/2001
logo
Shenzhen Bencent Electr...
BA601N BENCENT-BA601N Datasheet
260Kb / 3P
Low Capacitance and Insertion Loss
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
43Kb / 3P
Silicon Planar Diode
01-Apr-99
BA604 VISHAY-BA604 Datasheet
53Kb / 3P
Small Signal Switching Diode
01-Sep-10
logo
SUNMATE electronic Co.,...
BA604 SUNMATE-BA604 Datasheet
758Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BA60951CS

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1075 RHOMBUS-IND-T-1075 Datasheet
30Kb / 1P
FLYBACK TRANSFORMER
T-1198 RHOMBUS-IND-T-1198 Datasheet
26Kb / 1P
Flyback Transformer
3/08/99
T-1311 RHOMBUS-IND-T-1311 Datasheet
65Kb / 1P
Flyback Transformer
8/12/98
logo
PCA ELECTRONICS INC.
EPA3869 PCA-EPA3869 Datasheet
38Kb / 1P
Flyback Transformer
EPA3920 PCA-EPA3920 Datasheet
37Kb / 1P
Flyback Transformer
EPC3040 PCA-EPC3040 Datasheet
41Kb / 1P
Flyback Transformer
logo
Coilcraft lnc.
B0695-AL COILCRAFT-B0695-AL Datasheet
181Kb / 1P
Flyback Transformer
C1099-AL COILCRAFT-C1099-AL Datasheet
204Kb / 1P
Flyback Transformer
logo
Allied Components Inter...
AEP13-3853 ALLIED-AEP13-3853 Datasheet
411Kb / 1P
Flyback Transformer
AEP13-3873 ALLIED-AEP13-3873 Datasheet
836Kb / 1P
Flyback Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com