Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA60951CS Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # BA60951CS
Description  BA60951CS – Flyback Transformer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BA60951CS Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  BA60951CS Datasheet HTML 1Page - Bourns Electronic Solutions BA60951CS Datasheet HTML 2Page - Bourns Electronic Solutions BA60951CS Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BA60951CS – Flyback Transformer
Soldering Profile
Packaging Specifications
How to Order
BA 60951C S
Automotive Grade
Model Number
Surface Mount
Typical Part Marking
BA60951CS
YYWW X R
MANUFACTURER’S TRADEMARK
MODEL NUMBER
DATE CODE
YY: YEAR
WW: WEEK
X: DAY
A: MONDAY
B: TUESDAY
C: WEDNESDAY
D: THURSDAY
E: FRIDAY
F: SATURDAY
G: SUNDAY
R: REVISION
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
REV. 03/23
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C / second max.
PREHEAT:
Temperature Min. (Tsmin)
Temperature Max. (Tsmax)
Time (Tsmin to Tsmax) (ts)
150 °C
200 °C
60~180 seconds
TIME MAINTAINED ABOVE:
Temperature (TL)
Time (tL)
217 °C
60~150 seconds
Peak Temperature (Tp)
245-250 °C
Time within 5 °C of Actual Peak Temperature (tp) 20~40 seconds
Ramp-Down Rate
6 °C / second max.
Time 25 °C to Peak Temperature
8 minutes max.
4.0
(.157)
16
(.630)
32
(1.260)
1.5
(.059)
DIA.
DIMENSIONS:
MM
(INCHES)
TP
TP
tp
ts
TTO
RAMP-UP
L
TL
t L
TMAX.
S
TMIN.
25 °C
PREHEAT
S
Time
CRITICAL ZONE
RAMP-DOWN
t 25 °C TO PEAK
Asia-Pacific:
Tel: +886-2 2562-4117
Email: asiacus@bourns.com
Europe:
Tel: +36 88 885 877
Email: eurocus@bourns.com
The Americas:
Tel: +1-951 781-5500
Email: americus@bourns.com
www.bourns.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com