Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTERON Datasheet (PDF) - Axiohm TXCOM

ASTERON Datasheet PDF - Axiohm TXCOM
Part # ASTERON
Download  ASTERON Download
File Size   142.73 Kbytes
Page   2 Pages
Manufacturer  AXIOHM [Axiohm TXCOM]
Direct Link  https://axiohm.com/
Logo AXIOHM - Axiohm TXCOM
Description Panel Mount Printer 58 mm

ASTERON Datasheet (PDF)

Go To PDF Page Download Datasheet
ASTERON Datasheet PDF - Axiohm TXCOM

Part # ASTERON
Download  ASTERON Click to download

File Size   142.73 Kbytes
Page   2 Pages
Manufacturer  AXIOHM [Axiohm TXCOM]
Direct Link  https://axiohm.com/
Logo AXIOHM - Axiohm TXCOM
Description Panel Mount Printer 58 mm

ASTERON Datasheet (HTML) - Axiohm TXCOM


ASTERON Product details

To satisfy the printing requirements for test & measurements, medical & industrial equipment

. Dedicated to Medical / Industrial Applications
Supporting a dual RS 232 & TTL connection, and available with or without an integrated controller board, this 5V printing device responds to the printing needs of industrial equipments (industrial automation and instruments, fire alarms, automotive diagnostics, test & measurements, control process…). Featuring a translucent cover for monitoring paper consumption, ASTERON is available in charcoal or in white casing to fit perfectly in a medical environment and covers an array of applications (sterilization equipments, incubators, blood analysers, autoclaves, etc ...).




Similar Part No. - ASTERON

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
LED Holder for 3 mm and 5 mm LED
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
360Kb / 4P
LED Holder for 3 mm and 5 mm LED
04.01.2022
logo
Conquer Electronics Co....
AST CONQUER-AST Datasheet
286Kb / 1P
Mini-Blade Type, Transparent Body
logo
Projects Unlimited, Inc...
AST-01508MR-R PUI-AST-01508MR-R Datasheet
189Kb / 1P
Speaker
More results


Similar Description - ASTERON

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
Printer Driver?
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
Date Printer
January 17, 2003
logo
Littelfuse
801 LITTELFUSE-801 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
803 LITTELFUSE-803 Datasheet
380Kb / 1P
Panel Mount for 6.3x32 mm Fuses
803 LITTELFUSE-803 Datasheet
380Kb / 1P
Panel Mount for 6.3x32 mm Fuses
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
Laser Printer
logo
List of Unclassifed Man...
CTM10C2 ETC-CTM10C2 Datasheet
141Kb / 4P
Cable Tie Anchor Mount, .58
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com