Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTERON Datasheet(PDF) 2 Page - Axiohm TXCOM

Part # ASTERON
Description  Panel Mount Printer 58 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOHM [Axiohm TXCOM]
Direct Link  https://axiohm.com/
Logo AXIOHM - Axiohm TXCOM

ASTERON Datasheet(HTML) 2 Page - Axiohm TXCOM

  ASTERON Datasheet HTML 1Page - Axiohm TXCOM ASTERON Datasheet HTML 2Page - Axiohm TXCOM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ASTERON
Panel Mount Printer - 58 mm
Printing Speed (max)
mm/s
60
Paper Width
mm
58
Printing Width
mm
48
Resolution
dot/mm
8
Number of Dots
384
Paper Roll Diameter
mm
50
Paper Thickness
µm
60 - 80
Paper Loading
---
Clamshell™
Operating Voltage Range
VDC
4,5 - 8 V
Head Pulse Life
pulse
1*108
Mechanical Life
km
50
Dimensions (W*D*H)
mm
With integrated board : 78 x 85,7 x 57
Without board : 78 x 77 x 57
Weight
g
With integrated board : 104 g
Without board : 88 g
Operating Temperature
°C/F
0/50 - 32/122
Cutting System
---
Manual tear bar
Interface
---
RS 232 & TTL
Sensors
---
Head temperature, paper end, cover open (micro switch)
Options
---
Available in charcoal or white casing
Characteristics
Unit
ASTERON
France (for EMEA, South America, Asia/Pacic)
1, rue d’Arcueil - BP 820
92542 Montrouge Cedex - FRANCE
Tel: +33 1 58 07 17 17 Fax: +33 1 58 07 17 18 info@axiohm.com
USA
455 Wards Corner Road
Suite 500 Loveland, OH 45140 - USA
Tel: +1 (513) 248-9900 Fax: +1 (513) 248-8274 namsales@axiohm.com
Other AXIOHM’s products
Axiohm’s thermal printers are based upon the most advanced
technology in thermal printing, delivering sharp, clear print with
high speed, low noise and outstanding reliability. Our thermal
printer line o ers state-of-the-art capabilities, numerous interfaces,
drivers, accessories and are all Clamshell™ designed.
Thermal Printers
Axiohm’s kiosk printers are primarily designed for unattended
self service terminals but can be used for almost any
printing application that requires an easy-to-integrate
‘plug&play’printer.
Turnkey Printing Solutions
Axiohm o ers an extensive range of controller boards with
embedded rmware to manage its full line of thermal printer
mechanisms. The controller boards’ features have been designed
to meet your needs in terms of functionality and competitiveness.
Controller Boards
2007 AXIOHM SAS. All rights reserved worldwide. All trademarks or registered trademarks are the property of their respective owners. Printed in France. Product specications are subjected to change in order for
AXIOHM to continue to meet the need of the market. ESC/POSTM is a trademark of Seiko Epson Corporation.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com