Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASTERON Datasheet(PDF) 1 Page - Axiohm TXCOM

Part # ASTERON
Description  Panel Mount Printer 58 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOHM [Axiohm TXCOM]
Direct Link  https://axiohm.com/
Logo AXIOHM - Axiohm TXCOM

ASTERON Datasheet(HTML) 1 Page - Axiohm TXCOM

  ASTERON Datasheet HTML 1Page - Axiohm TXCOM ASTERON Datasheet HTML 2Page - Axiohm TXCOM  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.axiohm.com
. Performance and Integration, just a clip away
Building on a history of innovation, the new ASTERON panel mount printer with an
integrated paper bucket combines all the outstanding features Axiohm is known for:
fast printing, robustness, large paper roll capacity (Ø 50mm), ClamshellTM design
– while beneting from the latest and enhanced integration techniques. ASTERON
is easy to integrate due to multiple mounting points and a fast and innovative
attachment system that enables you to simply clip the printer to any panel regardless
of its thickness, thereby saving precious time when you need it the most. All the key
ingredients for instant integration!
ASTERON
Panel Mount Printer
58 mm
Clamshell™
optional
cutter
To satisfy the printing requirements for test &
measurements, medical & industrial equipment
Clamshell™
58 mm
. Innovative design for optimized reliability
O ering even greater safety and security, ASTERON features an ergonomic
cover-opening system with an advanced locking mechanism to prevent the
door from opening unexpectedly. Moreover, its innovative design ensures
improved protection against spills and dust that might interfere with the printing
process. This enhanced and well-conceived design makes ASTERON even more
reliable than its predecessors, for optimized durability.
. Dedicated to Medical / Industrial Applications
Supporting a dual RS 232 & TTL connection, and available with or without an integrated
controller board, this 5V printing device responds to the printing needs of industrial
equipments (industrial automation and instruments, re alarms, automotive diagnostics,
test & measurements, control process…). Featuring a translucent cover for monitoring
paper consumption, ASTERON is available in charcoal or in white casing to t perfectly
in a medical environment and covers an array of applications (sterilization equipments,
incubators, blood analysers, autoclaves, etc ...).


Similar Part No. - ASTERON

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
350Kb / 4P
LED Holder for 3 mm and 5 mm LED
logo
Vishay Siliconix
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
logo
Schurter Inc.
AST SCHURTER-AST Datasheet
360Kb / 4P
LED Holder for 3 mm and 5 mm LED
04.01.2022
logo
Conquer Electronics Co....
AST CONQUER-AST Datasheet
286Kb / 1P
Mini-Blade Type, Transparent Body
logo
Projects Unlimited, Inc...
AST-01508MR-R PUI-AST-01508MR-R Datasheet
189Kb / 1P
Speaker
More results

Similar Description - ASTERON

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
Printer Driver?
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
Date Printer
January 17, 2003
logo
Littelfuse
801 LITTELFUSE-801 Datasheet
178Kb / 1P
Panel Mount for 5x20 mm und 6.3x32 mm Fuses
803 LITTELFUSE-803 Datasheet
380Kb / 1P
Panel Mount for 6.3x32 mm Fuses
803 LITTELFUSE-803 Datasheet
380Kb / 1P
Panel Mount for 6.3x32 mm Fuses
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
Laser Printer
logo
List of Unclassifed Man...
CTM10C2 ETC-CTM10C2 Datasheet
141Kb / 4P
Cable Tie Anchor Mount, .58
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com