Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL7119RHF/PROTO Datasheet (PDF) - Renesas Technology Corp

ISL7119RHF/PROTO Datasheet PDF - Renesas Technology Corp
Part # ISL7119RHF/PROTO
Download  ISL7119RHF/PROTO Download
File Size   347.0 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened High Speed Dual Voltage Comparators

ISL7119RHF/PROTO Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL7119RHF/PROTO Datasheet PDF - Renesas Technology Corp

Part # ISL7119RHF/PROTO
Download  ISL7119RHF/PROTO Click to download

File Size   347.0 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened High Speed Dual Voltage Comparators

ISL7119RHF/PROTO Datasheet (HTML) - Renesas Technology Corp


ISL7119RHF/PROTO Product details

Features
▪ Electrically screened to DLA SMD # 5962-07215
• QML qualified per MIL-PRF-38535 requirements
▪ Input offset voltage (VIO): 8mV (max)
▪ Input bias current (IBIAS): 1000nA (max)
▪ Input offset current (IIO): 150nA (max)
▪ Saturation voltage at ISINK = 3.2mA (VSAT):
0.65V(max)
▪ Saturation voltage at ISINK = 25mA (VSAT):
1.8V(max)
▪ Response time (tPD): 160ns (max)
▪ Radiation acceptance testing - ISL7119RH
• HDR (50-300rad(Si)/s): 300krad(Si)
▪ Radiation acceptance testing - ISL7119EH
• HDR (50-300rad(Si)/s): 300krad(Si)
• LDR (0.01rad(Si)/s): 50krad(Si)
▪ SEE hardness (see SEE report for details)




Similar Part No. - ISL7119RHF/PROTO

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL7119RHF/Proto INTERSIL-ISL7119RHF/Proto Datasheet
48Kb / 2P
Radiation Hardened High Speed Dual Voltage Comparator
October 8, 2008
logo
Renesas Technology Corp
ISL7119RHF/PROTO RENESAS-ISL7119RHF/PROTO Datasheet
249Kb / 6P
Radiation Hardened High Speed Dual Voltage Comparators
Feb 9, 2023
More results


Similar Description - ISL7119RHF/PROTO

ManufacturerPart #DatasheetDescription
logo
NEC
UPC319 NEC-UPC319 Datasheet
331Kb / 10P
HIGH SPEED DUAL COMPARATORS
logo
STMicroelectronics
LM119-LM219 STMICROELECTRONICS-LM119-LM219 Datasheet
122Kb / 9P
HIGH SPEED DUAL COMPARATORS
Oct-1997
logo
Intersil Corporation
HS-1825ARH INTERSIL-HS-1825ARH_05 Datasheet
131Kb / 2P
Radiation Hardened High-Speed, Dual Output PWM
June 21, 2005
logo
STMicroelectronics
LM119 STMICROELECTRONICS-LM119_02 Datasheet
182Kb / 9P
HIGH SPEED DUAL COMPARATORS
Jun-2002
LM119 STMICROELECTRONICS-LM119_08 Datasheet
589Kb / 12P
High speed dual comparators
28-Jan-2007
logo
Intersil Corporation
ISL7119RH INTERSIL-ISL7119RH Datasheet
48Kb / 2P
Radiation Hardened High Speed Dual Voltage Comparator
October 8, 2008
HS-1825ARH INTERSIL-HS-1825ARH Datasheet
68Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
HS-1825AEH INTERSIL-HS-1825AEH Datasheet
137Kb / 3P
Radiation Hardened High-Speed, Dual Output PWM
May 10, 2012
IS-139ASEH INTERSIL-IS-139ASEH Datasheet
150Kb / 2P
Single Event Radiation Hardened Quad Voltage Comparators
April 6, 2012
logo
Renesas Technology Corp
ISL7119RH RENESAS-ISL7119RH Datasheet
249Kb / 6P
Radiation Hardened High Speed Dual Voltage Comparators
Feb 9, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com