Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL7119RHF/PROTO Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL7119RHF/PROTO
Description  Radiation Hardened High Speed Dual Voltage Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL7119RHF/PROTO Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL7119RHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FN6607 Rev.5.02
Page 4
Feb 13, 2025
ISL7119RH, ISL7119EH Datasheet
2.
Specifications
2.1
Absolute Maximum Ratings
Caution: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such
conditions can adversely impact product reliability and result in failures not covered by warranty.
2.2
Recommended Operating Conditions
2.3
Thermal Specifications
Parameter
Minimum
Maximum
Unit
Total supply voltage
-
36
V
Output to negative supply voltage
-
36
V
Ground to negative supply voltage
-
25
V
Ground to positive supply voltage
-
18
V
Differential input voltage
-
±5
V
Input voltage
-
±15[1]
1. For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
V
Output short-circuit duration
-
10[2]
2. Short circuit from the output to +VS can cause excessive heating and eventual destruction.
s
Maximum power dissipation (PD) for case outline X:
TA = +25°C
-
0.338
W
TA = +125°C
-
0.1
W
Maximum storage temperature range
-65
150
°C
Junction temperature (TJ)
-
175
°C
Lead temperature (soldering, 10 seconds)
-
265
°C
Parameter
Minimum
Maximum
Unit
Single Supply Voltage (+VS)5
15
V
Dual Supply Voltage (±VS)±5
±15
V
Ambient Temperature (TA)
-55
+125
°C
Parameter
Package
Symbol
Conditions
Typical
Value
Unit
Thermal Resistance
10 Ld CDFP
θJA[1]
1. θJA is measured with the component mounted on an evaluation printed circuit (PC) board in free air.
Junction to ambient
165
°C/W
θJC
Junction to case
60
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com