Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL7119RHF/PROTO Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL7119RHF/PROTO
Description  Radiation Hardened High Speed Dual Voltage Comparators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL7119RHF/PROTO Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL7119RHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 4Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 5Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 6Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 7Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 8Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 9Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 10Page - Renesas Technology Corp ISL7119RHF/PROTO Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
FN6607 Rev.5.02
Page 8
Feb 13, 2025
ISL7119RH, ISL7119EH Datasheet
5.
Die and Assembly Characteristics
6.
Metallization Mask Layout
Table 1. Die and Assembly Related Information
Die Information
Dimensions
2030µm x 2030µm (~80mils x 80mils)
Thickness: 483µm ±25.4µm (19mils ±1mil)
Interface Materials
Glassivation
Type: PSG (Phosphorous Silicon Gas)
Thickness: 8.0kÅ ± 1.0kÅ
Top Metallization
Type: AISiCu
Thickness: 16.0kÅ ± 2kÅ
Backside Finish
Silicon
Assembly Information
Substrate Potential
Unbiased (DI)
Additional Information
Worst Case Current Density
<2.0 x 105A/cm2
Transistor Count
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com